Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C30 Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z86C30
Description  CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C30 Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z86C30 Datasheet HTML 7Page - Zilog, Inc. Z86C30 Datasheet HTML 8Page - Zilog, Inc. Z86C30 Datasheet HTML 9Page - Zilog, Inc. Z86C30 Datasheet HTML 10Page - Zilog, Inc. Z86C30 Datasheet HTML 11Page - Zilog, Inc. Z86C30 Datasheet HTML 12Page - Zilog, Inc. Z86C30 Datasheet HTML 13Page - Zilog, Inc. Z86C30 Datasheet HTML 14Page - Zilog, Inc. Z86C30 Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CP96DZ82900
11
Z86C30/C31/C32/C40
CP96DZ82900
ZILOG
DC ELECTRICAL CHARACTERISTICS (Continued)
T
A = –40°C
Typical [1]
V
CC
to 105
°C@
Sym Parameter
Note [3]
Min
Max
25
°C
Units
Conditions
Notes
I
CC1
Standby Current
3.0V
4.5
2.0
mA
V
IN = 0V, VCC @ 16 MHz
[4,5]
(Halt Mode)
5.5V
8
3.7
mA
V
IN = 0V, VCC @ 16 MHz
[4,5]
3.0V
4
1.5
mA
V
IN = 0V, VCC @ 12 MHz
[4,5]
5.5V
6
3.2
mA
V
IN = 0V, VCC @ 12 MHz
[4,5]
3.0V
3.4
1.5
mA
Clock Divide by 16 @ 16 MHz
[4,5]
5.5V
7.0
2.9
mA
Clock Divide by 16 @ 16 MHz
[4,5]
3.0V
3
1.2
mA
Clock Divide by 16 @ 12 MHz
[4,5]
5.5V
5
2.5
mA
Clock Divide by 16 @ 12 MHz
[4,5]
I
CC2
Standby Current
3.0V
8
2
µAV
IN = OV, VCC
[6,11]
(Stop Mode)
WDT is not Running
5.5V
10
4
µAV
IN = OV, VCC
[6,11]
WDT is not Running
3.0V
600
310
µAV
IN = OV, VCC
[6,11]
WDT is Running
5.5V
1000
600
µAV
IN = OV, VCC
[6,11]
WDT is Running
I
ALL
Auto Latch Low Current
3.0V
0.7
10
2.4
µA
OV < V
IN < VCC
[9]
5.5V
1.4
20
4.7
µA
OV < V
IN < VCC
[9]
I
ALH
Auto Latch High Current
3.0V
–0.6
–7
–1.8
µA
OV < V
IN < VCC
[9]
5.5V
–1.0
–10
–3.8
µA
OV < V
IN < VCC
[9]
T
POR
Power On Reset
3.0V
3.0
25
7
mS
5.5V
2.0
14
4
mS
V
LV
Low Voltage Protection
1.8
3.3
2.6
V
4 MHz max INT CLK Freq.
Note:
[1] Typicals are at V
CC
= 5.0V and 3.3V.
[2] GND=0V.
[3] The V
CC
voltage spec. of 3.0V guarantees 3.3V
± 0.3V and the V
DD
voltage spec. of 5.5V guarantees 5.0V
± 0.5V.
[4] All outputs unloaded, I/O pins floating, inputs at rail.
[5] CL1= CL2 = 100pF.
[6] Same as note [4] except inputs at V
CC
.
[[7] Z86C40 only.
[8] STD Mode (not Low EMI Mode).
[9] Auto Latch (mask option) selected.
[10] For analog comparator inputs when analog comparators are enabled.
[11] Clock must be forced Low, when XTAL1 is clock driven and XTAL2 is floating.
[7] Z86C40 only.


Similar Part No. - Z86C30

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C30 ZILOG-Z86C30 Datasheet
1Mb / 348P
   General-Purpose Register File. Flexible I/O. Analog Inputs
Z86C3016PSG ZILOG-Z86C3016PSG Datasheet
1Mb / 348P
   Z86E3016PSG
More results

Similar Description - Z86C30

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C33 ZILOG-Z86C33 Datasheet
114Kb / 16P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86L33 ZILOG-Z86L33 Datasheet
223Kb / 16P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86233 ZILOG-Z86233 Datasheet
122Kb / 18P
   CMOS Z8 8K ROM CONSUMER CONTROLLER PROCESSOR
Z87233 ZILOG-Z87233 Datasheet
868Kb / 71P
   CMOS Z8-R MCU Consumer Controller Processor
Z87C33 ZILOG-Z87C33 Datasheet
862Kb / 72P
   CMOS Z8짰 MCU Consumer Controller Processor
Z86C95 ZILOG-Z86C95 Datasheet
147Kb / 18P
   CMOS Z8 DIGITAL SIGNAL PROCESSOR (DSP)
Z86116 ZILOG-Z86116 Datasheet
60Kb / 9P
   CMOS Z8 PN MODULATOR WIRELESS CONTROLLER
Z86E15 ZILOG-Z86E15 Datasheet
700Kb / 26P
   CMOS Z8 8-Bit OTP Keyboad Controller
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
   CMOS Z8 Microcontroller
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
   CMOS Z8 MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com