Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C2112FSC Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z86C2112FSC
Description  8K ROM Z8 CMOS MICROCONTROLLER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C2112FSC Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z86C2112FSC Datasheet HTML 7Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 8Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 9Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 10Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 11Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 12Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 13Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 14Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
11
Z86C21 MCU
WITH
8K ROM
Table 4. Port 3 Pin Assignments
Pin
I/O
CTC1
Int.
P0 HS
P1 HS
P2 HS
UART
Ext
P30
IN
IRQ3
Serial In
P31
IN
T
IN
IRQ2
D/R
P32
IN
IRQ0
D/R
P33
IN
IRQ1
D/R
P34
OUT
R/D
DM
P35
OUT
R/D
P36
OUT
T
OUT
R/D
P37
OUT
Serial Out
T0
IRQ4
T1
IRQ5
Notes:
HS = Handshake Signals; D = Data Available; R = Ready
Auto Latch. The Auto Latch puts valid CMOS levels on all
CMOS inputs that are not externally driven. This reduces
excessive supply current flow in the input buffer when it is
not been driven by any source.
Low EMI Option. The Z86C21 is available in a Low EMI
option. This option is mask-programmable, to be selected
by the customer at the time when the ROM code is
submitted. Use of this feature results in:
s
The pre-drivers slew rate reduced to 10 ns typical.
s
Low EMI output drivers have resistance of 200 Ohms
typical.
s
Oscillator divide-by-two circuitry is eliminated.
s
Internal SCLK/TCLK operation is limited to a maximum
of 4 MHz (250 ns cycle time)
P
D6D5D4D3D2D1D0
Start Bit
Seven Data Bits
Received Data (With Parity)
Parity Error Flag
One Stop Bit
ST
SP
P
D6D5D4D3D2D1D0
Start Bit
Seven Data Bits
Transmitted Data (With Parity)
Odd Parity
Two Stop Bits
SP SP
ST
D7
D6
D5
D4
D3
D2
D1
D0
Start Bit
Eight Data Bits
Transmitted Data (No Parity)
Two Stop Bits
SP SP
ST
D7
D6
D5
D4
D3
D2
D1
D0
Start Bit
Eight Data Bits
Received Data (No Parity)
One Stop Bit
SP
ST
Figure 9. Serial Data Formats


Similar Part No. - Z86C2112FSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C27 ZILOG-Z86C27 Datasheet
125Kb / 9P
   CMOS Z8 MICROCONTROLLER
Z86C28 ZILOG-Z86C28 Datasheet
403Kb / 13P
   CMOS 8-Bit Low-Cost 4K-ROM Microcontrollers
More results

Similar Description - Z86C2112FSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C66 ZILOG-Z86C66 Datasheet
279Kb / 10P
   CMOS Z8 16K ROM Microcontroller
Z86C63 ZILOG-Z86C63 Datasheet
143Kb / 17P
   CMOS Z8 32K ROM MICROCONTROLLER
Z86233 ZILOG-Z86233 Datasheet
122Kb / 18P
   CMOS Z8 8K ROM CONSUMER CONTROLLER PROCESSOR
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
   CMOS Z8 Microcontroller
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
   CMOS Z8 MICROCONTROLLER
Z86C47 ZILOG-Z86C47 Datasheet
106Kb / 8P
   CMOS Z8 MICROCONTROLLER
Z86C27 ZILOG-Z86C27 Datasheet
125Kb / 9P
   CMOS Z8 MICROCONTROLLER
Z86C96 ZILOG-Z86C96 Datasheet
124Kb / 11P
   CMOS Z8 MICROCONTROLLER
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
   CMOS Z8 8BIT MICROCONTROLLER
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com