Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C96 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z86C96
Description  CMOS Z8 MICROCONTROLLER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C96 Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z86C96 Datasheet HTML 3Page - Zilog, Inc. Z86C96 Datasheet HTML 4Page - Zilog, Inc. Z86C96 Datasheet HTML 5Page - Zilog, Inc. Z86C96 Datasheet HTML 6Page - Zilog, Inc. Z86C96 Datasheet HTML 7Page - Zilog, Inc. Z86C96 Datasheet HTML 8Page - Zilog, Inc. Z86C96 Datasheet HTML 9Page - Zilog, Inc. Z86C96 Datasheet HTML 10Page - Zilog, Inc. Z86C96 Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
7
Z86C61/62/96
Z8® MICROCONTROLLER
P44
VCC
P45
XTAL2
P47
/AS
P35
R//RL
GND
P32
P50
P51
P43
P42
P36
P31
P41
P40
P27
P26
P25
P24
P23
P22
P60
P61
P21
P20
GND
P33
P34
P62
XTAL1
P37
P30
N/C
/RESET
R//W
/DS
P46
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
Z86C62
DIP
P00
P01
P02
P03
P63
P17
P16
P15
21
22
23
24
43
42
41
40
P06
P07
VCC
P52
P53
P54
P14
P13
P12
P57
P56
P11
P10
P55
P04
P05
25
26
27
28
29
30
31
32
39
38
37
36
35
34
33
64
Figure 6. Z86C62 64-Pin DIP Pin Assignments
Table 3. Z86C62 64-Pin DIP Pin Identification
Pin #
Symbol
Function
Direction
1
P44
Port 4, Pin 4
In/Output
2V
CC
Power Supply
Input
3
P45
Port 4, Pin 5
In/Output
4
XTAL2
Crystal, Oscillator Clock
Output
5
XTAL1
Crystal, Oscillator Clock
Input
6
P37
Port 3, Pin 7
Output
7
P30
Port 3, Pin 0
Input
8
N/C
Not Connected
Input
9
/RESET
Reset
Input
10
R//W
Read/Write
Output
11
/DS
Data Strobe
Output
12-13
P47-P46 Port 4, Pin 6,7
In/Output
14
/AS
Address Strobe
Output
15
P35
Port 3, Pin 5
Output
16
R//RL
ROM/ROMless control
Input
17
GND
Ground
Input
18
P32
Port 3, Pin 2
Input
19-20
P51-P50 Port 5, Pin 0,1
In/Output
21-28
P07-P00 Port 0, Pins 0,1,2,3,4,5,6,7 In/Output
29
V
CC
Power Supply
Input
30-33
P52-P55 Port 5, Pins 2,3,4,5
In/Output
34-35
P11-P10 Port 1, Pins 0,1
In/Output
36-37
P57-P56 Port 5, Pins 6,7
In/Output
38-43
P17-P12 Port 1, Pins 2,3,4,5,6,7
In/Output
44-45
P63-P62 Port 6, Pins 3,2
In/Output
46
P34
Port 3, Pin 4
Output
47
P33
Port 3, Pin 3
Input
48
GND
Ground
Input
49-50
P21-P20 Port 2, Pins 0,1
In/Output
51-52
P61-P60 Port 6, Pins 1,0
In/Output
53-58
P27-P22 Port 2, Pins 2,3,4,5,6,7
In/Output
59-60
P41-P40 Port 4, Pins 0,1
In/Output
61
P31
Port 3, Pin 1
Input
62
P36
Port 3, Pin 6
Output
63
P42
Port 4, Pin 2
In/Output
64
P43
Port 4, Pin 3
In/Output


Similar Part No. - Z86C96

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C96 ZILOG-Z86C96 Datasheet
124Kb / 11P
   CMOS Z8 MICROCONTROLLER
More results

Similar Description - Z86C96

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
   CMOS Z8 Microcontroller
Z86C47 ZILOG-Z86C47 Datasheet
106Kb / 8P
   CMOS Z8 MICROCONTROLLER
Z86C27 ZILOG-Z86C27 Datasheet
125Kb / 9P
   CMOS Z8 MICROCONTROLLER
Z86C96 ZILOG-Z86C96 Datasheet
124Kb / 11P
   CMOS Z8 MICROCONTROLLER
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
   CMOS Z8 8BIT MICROCONTROLLER
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E22 ZILOG-Z86E22 Datasheet
276Kb / 10P
   CMOS Z8 OTP MICROCONTROLLER
Z86E21 ZILOG-Z86E21 Datasheet
162Kb / 12P
   CMOS Z8 OTP MICROCONTROLLER
Z86E02SL1925 ZILOG-Z86E02SL1925 Datasheet
75Kb / 18P
   CMOS Z8 OTP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com