Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C90 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z86C90
Description  ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C90 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z86C90 Datasheet HTML 5Page - Zilog, Inc. Z86C90 Datasheet HTML 6Page - Zilog, Inc. Z86C90 Datasheet HTML 7Page - Zilog, Inc. Z86C90 Datasheet HTML 8Page - Zilog, Inc. Z86C90 Datasheet HTML 9Page - Zilog, Inc. Z86C90 Datasheet HTML 10Page - Zilog, Inc. Z86C90 Datasheet HTML 11Page - Zilog, Inc. Z86C90 Datasheet HTML 12Page - Zilog, Inc. Z86C90 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
AC CHARACTERISTICS
External I/O or Memory Read and Write Timing Table
No Symbol
Parameter
V
CC
T
A = 0°C to +70°CTA = -40°C to +105°C
Units
Notes
Note[3]
8 MHz
12 MHz
8 MHz
12 MHz
Min
Max
Min
Max
Min
Max
Min
Max
1
TdA(AS)
Address Valid to
3.3
55
35
55
35
ns
[2]
/AS Rising Delay
5.0
55
35
55
35
ns
2
TdAS(A)
/AS Rising to Address
3.3
70
45
70
45
ns
[2]
Float Delay
5.0
70
45
70
45
ns
3
TdAS(DR)
/AS Rising to Read
3.3
400
250
400
250
ns
[1,2]
Data Required Valid
5.0
400
250
400
250
ns
4
TwAS
/AS Low Width
3.3
80
55
80
55
ns
[2]
5.0
80
55
80
55
ns
5
Td
Address Float to
3.3
0
0
0
0
ns
/DS Falling
5.0
0
0
0
0
ns
6
TwDSR
/DS (Read) Low Width
3.3
300
200
300
200
ns
[1,2]
5.0
300
200
300
200
ns
7
TwDSW
/DS (Write) Low Width 3.3
165
110
165
110
ns
[1,2]
5.0
165
110
165
110
ns
8
TdDSR(DR)
/DS Falling to Read
3.3
260
150
260
150
ns
[1,2]
Data Required Valid
5.0
260
160
260
160
ns
9
ThDR(DS)
Read Data to
3.3
0
0
0
0
ns
[2]
/DS Rising Hold Time
5.0
0
0
0
0
ns
10
TdDS(A)
/DS Rising to Address
3.3
85
45
85
45
ns
[2]
Active Delay
5.0
95
55
95
55
ns
11
TdDS(AS)
/DS Rising to /AS
3.3
60
30
60
30
ns
[2]
Falling Delay
5.0
70
45
70
45
ns
12
TdR/W(AS)
R//W Valid to /AS
3.3
70
45
70
45
ns
[2]
Rising Delay
5.0
70
45
70
45
ns
13
TdDS(R/W)
/DS Rising to
3.3
70
45
70
45
ns
[2]
R//W Not Valid
5.0
70
45
70
45
ns
14
TdDW(DSW) Write Data Valid to /DS 3.3
80
55
80
55
ns
[2]
Falling (Write) Delay
5.0
80
55
80
55
ns
15
TdDS(DW)
/DS Rising to Write
3.3
70
45
70
45
ns
[2]
Data Not Valid Delay
5.0
80
55
80
55
ns
16
TdA(DR)
Address Valid to Read
3.3
475
310
475
310
ns
[1,2]
Data Required Valid
5.0
475
310
475
310
ns
17
TdAS(DS)
/AS Rising to
3.3
100
65
100
65
ns
[2]
/DS Falling Delay
5.0
100
65
100
65
ns
18
TdDI(DS)
Data Input Setup to
0.0
115
115
115
115
ns
[1,2]
/DS Rising
5.0
75
75
75
75
ns
19
TdDM(AS)
/DM Valid to /AS
3.3
55
35
55
35
ns
[2]
Falling Delay
5.0
55
35
55
35
ns
Notes:
[1]
When using extended memory timing add 2 TpC.
[2]
Timing numbers given are for minimum TpC.
[3]
5.0V
±0.5V, 3.3V ±0.3V.
Standard Test Load
All timing references use 0.9 V
CC
for a logic 1 and 0.1 V
CC
for a logic 0.


Similar Part No. - Z86C90

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C91 ZILOG-Z86C91 Datasheet
789Kb / 56P
   CMOS Z8 ROMLess Microcontrollers
Z86C9116PSG ZILOG-Z86C9116PSG Datasheet
824Kb / 56P
   CMOS Z8 ROMLess Microcontrollers
Z86C9116VSC ZILOG-Z86C9116VSC Datasheet
824Kb / 56P
   COMS Z8 ROMLess Microcontrollers
Z86C92 ZILOG-Z86C92 Datasheet
364Kb / 71P
   IR MICROCONTROLLER
Z86C9216VSC ZILOG-Z86C9216VSC Datasheet
364Kb / 71P
   IR MICROCONTROLLER
More results

Similar Description - Z86C90

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8609316PSG ZILOG-Z8609316PSG Datasheet
362Kb / 18P
   ROMLESS CMOS 8-BIT Z8 MCU
logo
ATMEL Corporation
TS80C31X2 ATMEL-TS80C31X2_08 Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2 ATMEL-TS80C31X2 Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
logo
Zilog, Inc.
Z86317 ZILOG-Z86317 Datasheet
59Kb / 8P
   CMOS Z8 8-BIT MICROCONTROLLER
Z86C9116PSG ZILOG-Z86C9116PSG Datasheet
824Kb / 56P
   CMOS Z8 ROMLess Microcontrollers
Z86C91 ZILOG-Z86C91 Datasheet
789Kb / 56P
   CMOS Z8 ROMLess Microcontrollers
logo
Siemens Semiconductor G...
SDA30C263 SIEMENS-SDA30C263 Datasheet
6Mb / 120P
   8-Bit Microcontroller ROMLESS
SDA30C163-2 SIEMENS-SDA30C163-2 Datasheet
6Mb / 95P
   8-bIT Microcontroller, ROMLESS
SDA30C164 SIEMENS-SDA30C164 Datasheet
7Mb / 100P
   8-bIT Microcontroller, ROMLESS
logo
NXP Semiconductors
OM5202 PHILIPS-OM5202 Datasheet
93Kb / 11P
   ROMless 8-bit microcontroller
December 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com