Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOIV1SE012KA-GDI Datasheet(PDF) 1 Page - ON Semiconductor

Part # NOIV1SE012KA-GDI
Description  VITA 16/12 MegaPixels Single Foot Print CMOS Image Sensor
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIV1SE012KA-GDI Datasheet(HTML) 1 Page - ON Semiconductor

  NOIV1SE012KA-GDI Datasheet HTML 1Page - ON Semiconductor NOIV1SE012KA-GDI Datasheet HTML 2Page - ON Semiconductor NOIV1SE012KA-GDI Datasheet HTML 3Page - ON Semiconductor NOIV1SE012KA-GDI Datasheet HTML 4Page - ON Semiconductor NOIV1SE012KA-GDI Datasheet HTML 5Page - ON Semiconductor NOIV1SE012KA-GDI Datasheet HTML 6Page - ON Semiconductor NOIV1SE012KA-GDI Datasheet HTML 7Page - ON Semiconductor NOIV1SE012KA-GDI Datasheet HTML 8Page - ON Semiconductor NOIV1SE012KA-GDI Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 79 page
background image
© Semiconductor Components Industries, LLC, 2015
May, 2015 − Rev. 0
1
Publication Order Number:
NOIV1SN016KA/D
NOIV1SN016KA,
NOIV1SN012KA
VITA 16/12 MegaPixels
Single Foot Print CMOS
Image Sensor
Features
Active Pixel Array:
16K = 4096
× 4096 Active Pixels
12K = 4096
× 3072 Active Pixels
Optical Format:
16K = APS−C Optical Format
12K = 4/3 inch Optical Format
4.5 mm × 4.5 mm Square Pixels
32/16 Low-Voltage Differential Signaling (LVDS) High-speed
Serial Outputs
VITA 16K Frame Rate at Full Resolution, 32 LVDS Outputs
80 Frames per Second normal ROT
125 Frames per Second Zero ROT
VITA 12K Frame Rate at Full Resolution, 32 LVDS Outputs
110 Frames per Second normal ROT
160 Frames per Second Zero ROT
Monochrome (SN), Color (SE)
On-chip 10-bit Analog-to-Digital Converter (ADC)
8-bit or 10-bit Output Mode
32 Random Programmable Region of Interest (ROI)
readout
Pipelined and Triggered Global Shutter, Rolling Shutter
Serial Peripheral Interface (SPI)
Operational Temperature Range: -40°C to +85°C
Single 355−pin mPGA package across resolutions
Power Dissipation: 4.1 W @ 2 Gpix/s
These Devices are Pb−Free and are RoHS Compliant
Applications
Machine Vision
Motion Monitoring
Intelligent Traffic Systems (ITS)
Pick and Place Machines
Inspection
Metrology
Description
The high-resolution VITA CMOS image sensor family features global and rolling shutter mode. The on-chip programmable
state machine controls the sensor array and enables high flexibility with changes in operation modes and 32 frame-to-frame
configurable Regions-of-Interest (ROI). The 5T pixel on a 4.5
mm pitch enables pipelining of integration and read-out in both
triggered and un-triggered global shutter mode.
A second pipeline stage provides a maximum frame rate increase by allowing the sensor to run in Zero-ROT mode. The roller
shutter mode supports correlated double sampling, reducing temporal noise by approximately 3 dB. The sensor has on-chip
programmable gain amplifiers and 10-bit A/D converters. The image’s black level has an automatic calibration with adjustable
user programmable offset. The image data interface consists of 32 or 16 LVDS channels with additional clock and
synchronization channels in parallel, each running at 680 Mbps.
The high-resolution VITA family is packaged in a ceramic 355-pin PGA package and is available in a monochrome and color
version.
Contact your local ON Semiconductor office for more information.
www.onsemi.com
Figure 1. VITA 16K/12K Photograph


Similar Part No. - NOIV1SE012KA-GDI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIV1SE012KA-GDI ONSEMI-NOIV1SE012KA-GDI Datasheet
1Mb / 80P
   VITA 16/12 MegaPixels Single Foot Print CMOS Image Sensor
August, 2021 - Rev. 2
More results

Similar Description - NOIV1SE012KA-GDI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIV1SN016KA ONSEMI-NOIV1SN016KA_V01 Datasheet
1Mb / 80P
   VITA 16/12 MegaPixels Single Foot Print CMOS Image Sensor
August, 2021 - Rev. 2
NOIV1SN025KA ONSEMI-NOIV1SN025KA_16 Datasheet
795Kb / 76P
   VITA 25K Image Sensor
December, 2016 ??Rev. 10
NOIV1SN025KA ONSEMI-NOIV1SN025KA Datasheet
787Kb / 76P
   VITA 25K Image Sensor
June, 2014 ??Rev. 9
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
   MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
NOIP1SN5000A ONSEMI-NOIP1SN5000A Datasheet
810Kb / 80P
   MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
logo
DATEL, Inc.
ADCDS-1603 DATEL-ADCDS-1603 Datasheet
696Kb / 15P
   16-Bit, 2.3 Megapixels/Second CCD Image Converter
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com