Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C95 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z86C95
Description  CMOS Z8 DIGITAL SIGNAL PROCESSOR (DSP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C95 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z86C95 Datasheet HTML 5Page - Zilog, Inc. Z86C95 Datasheet HTML 6Page - Zilog, Inc. Z86C95 Datasheet HTML 7Page - Zilog, Inc. Z86C95 Datasheet HTML 8Page - Zilog, Inc. Z86C95 Datasheet HTML 9Page - Zilog, Inc. Z86C95 Datasheet HTML 10Page - Zilog, Inc. Z86C95 Datasheet HTML 11Page - Zilog, Inc. Z86C95 Datasheet HTML 12Page - Zilog, Inc. Z86C95 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
Z86C95 DSP
CPS DC-4067-13
DC ELECTRICAL CHARACTERISTICS
V
CC = 5.0V ± 10%
T
A = 0°C to +70°C
Typical
Sym
Parameter
Min
Max
at 25
°C
Units
Conditions
Max Input Voltage
7
V
I
IN 250 µA
V
CH
Clock Input High Voltage
3.8
V
CC
V
Driven by External Clock Generator
V
CL
Clock Input Low Voltage
–0.03
0.8
V
Driven by External Clock Generator
V
IH
Input High Voltage
2.0
V
CC
V
V
IL
Input Low Voltage
–0.3
0.8
V
V
OH
Output High Voltge
2.4
V
I
OH = –2.0 mA
V
OH
Output High Voltge
V
CC – 100mV
V
I
OH = –100 µA
V
OL
Output Low Voltage
0.4
V
I
OH = +2.0 mA
V
RH
Reset Input High Voltage
3.8
V
CC
V
V
Rl
Reset Input Low Voltage
–0.03
0.8
V
I
IL
Input Leakage
–2
2
µA
Test at 0V, V
CC
I
OL
Output Leakage
–2
2
µA
Test at 0V, V
CC
I
IR
Reset Input Current
–180
µAV
RL = 0V
I
CC
Supply Current
82
50
mA
@ 24 MHz [1]
120
70
mA
@ 33 MHz [1]
150
85
mA
@ 40 MHz [1], [2]
I
CC1
HALT
20
13
mA
HALT Mode V
IN=OV, VCC @ 24 MHz [1]
30
20
mA
HALT Mode V
IN=OV, VCC @ 33 MHz [1]
45
30
mA
HALT Mode V
IN=OV, VCC @ 40 MHz [1], [2]
I
CC2
STOP and Pause Mode
20
6
µA
STOP Mode V
IN=OV, VCC [1]
I
ALL
Auto Latch Low Current
–20
20
5
µA
Note:
[1] All inputs driven to 0V, V
CC and outputs floating.
[2] Preliminary values, to be characterized.


Similar Part No. - Z86C95

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C90 ZILOG-Z86C90 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C9012PSC ZILOG-Z86C9012PSC Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C9012VSC ZILOG-Z86C9012VSC Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C90PLCC ZILOG-Z86C90PLCC Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C90QFP ZILOG-Z86C90QFP Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
More results

Similar Description - Z86C95

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST18952 STMICROELECTRONICS-ST18952 Datasheet
357Kb / 67P
   DIGITAL SIGNAL PROCESSOR DSP CHIP
logo
Zilog, Inc.
Z89320 ZILOG-Z89320 Datasheet
77Kb / 7P
   16-BIT DSP DIGITAL SIGNAL PROCESSOR
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
SAA8110G PHILIPS-SAA8110G Datasheet
232Kb / 36P
   Digital Signal Processor DSP for cameras
1997 Jun 13
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
   Car radio Digital Signal Processor (DSP)
2001 Mar 05
logo
Sharp Corporation
LR38666Y SHARP-LR38666Y Datasheet
203Kb / 38P
   CMOS digital signal processor
logo
Zilog, Inc.
Z86C33 ZILOG-Z86C33 Datasheet
114Kb / 16P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86L33 ZILOG-Z86L33 Datasheet
223Kb / 16P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86C30 ZILOG-Z86C30 Datasheet
128Kb / 17P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
logo
STMicroelectronics
D950-CORE STMICROELECTRONICS-D950-CORE Datasheet
560Kb / 89P
   16-Bit Fixed Point Digital Signal Processor DSP Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com