Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTS245SFT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTS245SFT1G
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTS245SFT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NTS245SFT1G Datasheet HTML 1Page - ON Semiconductor NTS245SFT1G Datasheet HTML 2Page - ON Semiconductor NTS245SFT1G Datasheet HTML 3Page - ON Semiconductor NTS245SFT1G Datasheet HTML 4Page - ON Semiconductor NTS245SFT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTS245SF
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
1.2
1.0
0.8
0.6
0.4
0.2
0.1
1
10
100
1.2
1.0
0.8
1.6
0.6
0.4
0.2
0.1
10
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
35
15
5
1.E−06
Figure 5. Typical Junction Capacitance
Figure 6. Current Derating
VR, REVERSE VOLTAGE (V)
TC, CASE TEMPERATURE (°C)
10
1
0.1
10
1000
110
90
30
10
0
1
2
3
4
TA = 150°C
TA = 125°C
TA = −55°C
TA = 25°C
25
45
1.E−05
1.E−04
1.E−03
1.E−02
TA = 150°C
TA = 125°C
TA = 25°C
35
25
15
5
45
1.E−06
1.E−04
1.E−03
1.E−02
1.E−01
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
TJ = 25°C
50
70
130
Square Wave
DC
RqJL = 24.4°C/W
1.1
0.1
0.3
0.9
0.7
0.5
1.4
1.8
TA = 150°C
TA = 125°C
TA = −55°C
TA = 25°C
TA = 90°C
1.E−07
TA = 150°C
TA = 125°C
TA = 25°C
TA = 90°C
1.E−05
100
150
1


Similar Part No. - NTS245SFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTS245ESF ONSEMI-NTS245ESF Datasheet
112Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
NTS245ESFT3G ONSEMI-NTS245ESFT3G Datasheet
112Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
More results

Similar Description - NTS245SFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST30100SG ONSEMI-NTST30100SG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2010 ??Rev. 0
NRTST40H100CT ONSEMI-NRTST40H100CT Datasheet
60Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 0
NTSV30120CT ONSEMI-NTSV30120CT Datasheet
86Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 1
NTS245ESF ONSEMI-NTS245ESF Datasheet
112Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
NTS10100MFS ONSEMI-NTS10100MFS Datasheet
66Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTS12100MFS ONSEMI-NTS12100MFS Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NTSJ3080CTG ONSEMI-NTSJ3080CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSV30100SG ONSEMI-NTSV30100SG Datasheet
103Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
June, 2012 ??Rev. 0
NTSJ30U80CTG ONSEMI-NTSJ30U80CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTST40120CT ONSEMI-NTST40120CT Datasheet
117Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com