Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTS260SF Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTS260SF
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTS260SF Datasheet(HTML) 1 Page - ON Semiconductor

  NTS260SF Datasheet HTML 1Page - ON Semiconductor NTS260SF Datasheet HTML 2Page - ON Semiconductor NTS260SF Datasheet HTML 3Page - ON Semiconductor NTS260SF Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2014
November, 2014 − Rev. 1
1
Publication Order Number:
NTS260SF/D
NTS260SF
Very Low Forward Voltage
Trench-based Schottky
Rectifier
Features
Fine Lithography Trench−based Schottky Technology for Very Low
Forward Voltage and Low Leakage
Fast Switching with Exceptional Temperature Stability
Low Power Loss and Lower Operating Temperature
Higher Efficiency for Achieving Regulatory Compliance
Low Thermal Resistance
High Surge Capability
NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These are Pb−Free and Halide−Free Devices
Mechanical Characteristics:
Case: Molded Epoxy
Epoxy Meets UL 94 V−0 @ 0.125 in
Weight: 11.7 mg (Approximately)
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Maximum for 10 Seconds
MSL 1
Typical Applications
Switching Power Supplies including Compact Adapters and Flat
Panel Display
High Frequency and DC−DC Converters
Freewheeling and OR−ing diodes
Reverse Battery Protection
Instrumentation
MARKING DIAGRAM
AAD
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
SOD−123FL
CASE 498
PLASTIC
TRENCH SCHOTTKY
RECTIFIER
2.0 AMPERES
60 VOLTS
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NTS260SFT1G
SOD−123
(Pb−Free)
3000/Tape & Reel
AADM
G
G
NTS260SFT3G
SOD−123
(Pb−Free)
10000/Tape & Reel
www.onsemi.com


Similar Part No. - NTS260SF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTS260ESF ONSEMI-NTS260ESF Datasheet
61Kb / 4P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NTS260ESFT1G ONSEMI-NTS260ESFT1G Datasheet
61Kb / 4P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NTS260ESFT1G ONSEMI-NTS260ESFT1G Datasheet
54Kb / 4P
   Very Low Forward Voltage Trench-based Schottky Rectifier
October, 2016 ??Rev. 2
NTS260ESFT3G ONSEMI-NTS260ESFT3G Datasheet
61Kb / 4P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NTS260ESFT3G ONSEMI-NTS260ESFT3G Datasheet
54Kb / 4P
   Very Low Forward Voltage Trench-based Schottky Rectifier
October, 2016 ??Rev. 2
More results

Similar Description - NTS260SF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST30100SG ONSEMI-NTST30100SG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2010 ??Rev. 0
NRTST40H100CT ONSEMI-NRTST40H100CT Datasheet
60Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 0
NTSV30120CT ONSEMI-NTSV30120CT Datasheet
86Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 1
NTS245ESF ONSEMI-NTS245ESF Datasheet
112Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
NTS245SF ONSEMI-NTS245SF Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
NTS10100MFS ONSEMI-NTS10100MFS Datasheet
66Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTS12100MFS ONSEMI-NTS12100MFS Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NTSJ3080CTG ONSEMI-NTSJ3080CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSV30100SG ONSEMI-NTSV30100SG Datasheet
103Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
June, 2012 ??Rev. 0
NTSJ30U80CTG ONSEMI-NTSJ30U80CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTST40120CT ONSEMI-NTST40120CT Datasheet
117Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com