Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTSAF545 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTSAF545
Description  Trench-based Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTSAF545 Datasheet(HTML) 1 Page - ON Semiconductor

  NTSAF545 Datasheet HTML 1Page - ON Semiconductor NTSAF545 Datasheet HTML 2Page - ON Semiconductor NTSAF545 Datasheet HTML 3Page - ON Semiconductor NTSAF545 Datasheet HTML 4Page - ON Semiconductor NTSAF545 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 1
1
Publication Order Number:
NTSAF545/D
NTSAF545
Trench-based Schottky
Rectifier
Features
Fine Lithography Trench−based Schottky Technology for Very Low
Forward Voltage and Low Leakage
Fast Switching with Exceptional Temperature Stability
Low Power Loss and Lower Operating Temperature
Higher Efficiency for Achieving Regulatory Compliance
High Surge Capability
These are Pb−Free and Halide−Free Devices
Typical Applications
Switching Power Supplies including Tablet Adapters, and Flat Panel
Display
High Frequency and DC−DC Converters
Freewheeling and OR−ing diodes
Reverse Battery Protection
Instrumentation
Mechanical Characteristics:
Case: Epoxy, Molded
Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in.
Lead Finish: 100% Matte Sn (Tin)
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Device Meets MSL 1 Requirements
Weight: 95 mg (Approximately)
Cathode Polarity Band
Device
Package
Shipping
ORDERING INFORMATION
SMA−FL
CASE 403AA
STYLE 6
TRENCH SCHOTTKY
RECTIFIER
5.0 AMPERE
45 VOLTS
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NTSAF545T3G
SMA−FL
(Pb−Free)
5000 / Tape &
Reel
5AR
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
AYWW
5AR
G
G
MARKING DIAGRAM


Similar Part No. - NTSAF545

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTSAF545 ONSEMI-NTSAF545 Datasheet
55Kb / 5P
   Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NTSAF545T3G ONSEMI-NTSAF545T3G Datasheet
55Kb / 5P
   Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NTSAF545 ONSEMI-NTSAF545_16 Datasheet
55Kb / 5P
   Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
More results

Similar Description - NTSAF545

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTSAF345 ONSEMI-NTSAF345 Datasheet
62Kb / 5P
   Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSAF345 ONSEMI-NTSAF345_16 Datasheet
60Kb / 5P
   Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NTSAF545 ONSEMI-NTSAF545_16 Datasheet
55Kb / 5P
   Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NRTSAF360 ONSEMI-NRTSAF360 Datasheet
59Kb / 5P
   Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
NRTS1260PFS ONSEMI-NRTS1260PFS Datasheet
214Kb / 6P
   Schottky Barrier Rectifier, Trench-based
February, 2020 - Rev. 0
NRTS15100PFS ONSEMI-NRTS15100PFS Datasheet
201Kb / 7P
   Schottky Barrier Rectifier, Trench-based
January, 2020 ??Rev. 0
NRTS8100PFS ONSEMI-NRTS8100PFS Datasheet
214Kb / 6P
   Schottky Barrier Rectifier, Trench-based
August, 2020 ??Rev. 1
NRTS10100PFS ONSEMI-NRTS10100PFS Datasheet
214Kb / 6P
   Schottky Barrier Rectifier, Trench-based
February, 2020 ??Rev. 0
NRVTSS3100E ONSEMI-NRVTSS3100E Datasheet
66Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NRVTSS5100E ONSEMI-NRVTSS5100E_16 Datasheet
72Kb / 6P
   Low Leakage Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com