Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTSAF545 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTSAF545
Description  Trench-based Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTSAF545 Datasheet(HTML) 4 Page - ON Semiconductor

  NTSAF545 Datasheet HTML 1Page - ON Semiconductor NTSAF545 Datasheet HTML 2Page - ON Semiconductor NTSAF545 Datasheet HTML 3Page - ON Semiconductor NTSAF545 Datasheet HTML 4Page - ON Semiconductor NTSAF545 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTSAF545
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Forward Power Dissipation
IF(AV), AVERAGE FORWARD CURRENT (A)
0
0
2
10
24
IPK/IAV = 5
13
4
6
8
Square Wave
IPK/IAV = 10
DC
IPK/IAV
= 20
0.01
0.1
1
10
100
0.000001
0.00001
0.0001
1000
0.001
0.01
0.1
1
10
100
Figure 8. Typical Thermal Characteristics
t, PULSE TIME (S)
50% Duty Cycle
20%
10%
5%
2%
1%
Single Pulse
Assumes 25
°C ambient and soldered
to a 600 mm2 − oz copper pad on PCB
0.01
0.1
1
10
0.000001
0.00001
0.0001
1000
0.001
0.01
0.1
1
10
100
Figure 9. Typical Transient Thermal Response Characteristics, Junction−to−Case
t, PULSE TIME (S)
50% Duty Cycle
20%
10%
5%
2%
1%
Single Pulse


Similar Part No. - NTSAF545

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTSAF545 ONSEMI-NTSAF545 Datasheet
55Kb / 5P
   Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NTSAF545T3G ONSEMI-NTSAF545T3G Datasheet
55Kb / 5P
   Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NTSAF545 ONSEMI-NTSAF545_16 Datasheet
55Kb / 5P
   Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
More results

Similar Description - NTSAF545

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTSAF345 ONSEMI-NTSAF345 Datasheet
62Kb / 5P
   Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSAF345 ONSEMI-NTSAF345_16 Datasheet
60Kb / 5P
   Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NTSAF545 ONSEMI-NTSAF545_16 Datasheet
55Kb / 5P
   Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NRTSAF360 ONSEMI-NRTSAF360 Datasheet
59Kb / 5P
   Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
NRTS1260PFS ONSEMI-NRTS1260PFS Datasheet
214Kb / 6P
   Schottky Barrier Rectifier, Trench-based
February, 2020 - Rev. 0
NRTS15100PFS ONSEMI-NRTS15100PFS Datasheet
201Kb / 7P
   Schottky Barrier Rectifier, Trench-based
January, 2020 ??Rev. 0
NRTS8100PFS ONSEMI-NRTS8100PFS Datasheet
214Kb / 6P
   Schottky Barrier Rectifier, Trench-based
August, 2020 ??Rev. 1
NRTS10100PFS ONSEMI-NRTS10100PFS Datasheet
214Kb / 6P
   Schottky Barrier Rectifier, Trench-based
February, 2020 ??Rev. 0
NRVTSS3100E ONSEMI-NRVTSS3100E Datasheet
66Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NRVTSS5100E ONSEMI-NRVTSS5100E_16 Datasheet
72Kb / 6P
   Low Leakage Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com