Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86L9208VSC Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z86L9208VSC
Description  IR MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L9208VSC Datasheet(HTML) 3 Page - Zilog, Inc.

  Z86L9208VSC Datasheet HTML 1Page - Zilog, Inc. Z86L9208VSC Datasheet HTML 2Page - Zilog, Inc. Z86L9208VSC Datasheet HTML 3Page - Zilog, Inc. Z86L9208VSC Datasheet HTML 4Page - Zilog, Inc. Z86L9208VSC Datasheet HTML 5Page - Zilog, Inc. Z86L9208VSC Datasheet HTML 6Page - Zilog, Inc. Z86L9208VSC Datasheet HTML 7Page - Zilog, Inc. Z86L9208VSC Datasheet HTML 8Page - Zilog, Inc. Z86L9208VSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
Z86C72/C92/L72/L92
Zilog
IR Microcontroller
DS97LVO0900
P R E L I M I N A R Y
6-3
1
Note: All Signals with a preceding front slash, "/", are ac-
tive Low, e.g., B//W (WORD is active Low); /B/W (BYTE is
active Low, only).
Power connections follow conventional descriptions be-
low:
Figure 2. Functional Block Diagram
Port 0
P00
P01
P02
P03
P04
P05
P06
P07
P10
P11
P12
P13
P14
P15
P16
P17
P20
P21
P22
P23
P24
P25
P26
P27
P31
P32
P33
/AS
/DS
R/W
/RESET
Port 3
Port 1
Port 2
Register File
256 x 8-Bit
ROM
16K/0K x 8
Z8 Core
Register Bus
Internal
Address Bus
Internal Data Bus
Expanded
Register
File
512 x 8-Bit
Expanded
Register Bus
Counter/Timer 8
8-Bit
Counter/Timer 16
16-Bit
Machine
Timing
&
Instruction
Control
Power
XTAL
VDD
VSS
P34
P35
P36
P37
Connection
Circuit
Device
Power
VCC
VDD
Ground
GND
VSS


Similar Part No. - Z86L9208VSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L97 ZILOG-Z86L97 Datasheet
1Mb / 91P
   Low-Voltage Microcontrollers
Z86L972 ZILOG-Z86L972 Datasheet
1Mb / 91P
   Low-Voltage Microcontrollers
Z86L972HZ008SC ZILOG-Z86L972HZ008SC Datasheet
1Mb / 91P
   Low-Voltage Microcontrollers
Z86L972PZ008SC ZILOG-Z86L972PZ008SC Datasheet
1Mb / 91P
   Low-Voltage Microcontrollers
Z86L973 ZILOG-Z86L973 Datasheet
1Mb / 91P
   Low-Voltage Microcontrollers
More results

Similar Description - Z86L9208VSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L88 ZILOG-Z86L88 Datasheet
599Kb / 66P
   IR/Low-Voltage Microcontroller
logo
Maxim Integrated Produc...
Z86L88 MAXIM-Z86L88 Datasheet
438Kb / 80P
   Low-Voltage IR Microcontroller
Rev 0; 4/09
logo
Zilog, Inc.
Z86L70 ZILOG-Z86L70 Datasheet
349Kb / 61P
   IR/Low-Voltage Microcontroller
Z86L78 ZILOG-Z86L78 Datasheet
296Kb / 59P
   IR/Low-Voltage Microcontroller
logo
KODENSHI_AUK CORP.
KME-M002C KODENSHI-KME-M002C Datasheet
96Kb / 1P
   IR Sensor
logo
Axiomtek Co., Ltd.
DSA-132 AXIOMTEK-DSA-132 Datasheet
235Kb / 1P
   IR touchscreen
logo
KODENSHI_AUK CORP.
KME-M002C KODENSHI-KME-M002C_07 Datasheet
150Kb / 2P
   IR Sensor
logo
OSRAM GmbH
SFH4787S OSRAM-SFH4787S Datasheet
592Kb / 12P
   IR OSLUX
logo
List of Unclassifed Man...
QBLP651-IR3 ETC1-QBLP651-IR3 Datasheet
503Kb / 9P
   IR LED
logo
Roithner LaserTechnik G...
C2021-B1 ROITHNER-C2021-B1 Datasheet
139Kb / 1P
   IR-LASERMODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com