Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-642AN-E Datasheet(PDF) 4 Page - ON Semiconductor

Part # STK672-642AN-E
Description  2-phase Stepper Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-642AN-E Datasheet(HTML) 4 Page - ON Semiconductor

  STK672-642AN-E Datasheet HTML 1Page - ON Semiconductor STK672-642AN-E Datasheet HTML 2Page - ON Semiconductor STK672-642AN-E Datasheet HTML 3Page - ON Semiconductor STK672-642AN-E Datasheet HTML 4Page - ON Semiconductor STK672-642AN-E Datasheet HTML 5Page - ON Semiconductor STK672-642AN-E Datasheet HTML 6Page - ON Semiconductor STK672-642AN-E Datasheet HTML 7Page - ON Semiconductor STK672-642AN-E Datasheet HTML 8Page - ON Semiconductor STK672-642AN-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
STK672-642AN-E
No.A2277-4/28
Block Diagram
Phase
excitation
signal
generator
Excitation mode
selection
Phase
advance
counter
FAO
AI
BI
VSS
Power-on
reset
Current control
chopper circuit
Overcurrent
detection
FAULT
signal
(open drain)
Overheating
detection
VDD=5V
MODE1
CLOCK
CWB
ENABLE
FAULT
VDD
Vref
Vref
F1
F2
F3
F4
P.G2
FAB
FBO
FBB
N.C
MODE2
RESETB
R1
R2
N.C
A
P.G1
S.G
VSS
Vref/4.9
VSS
100k
Amplifier
AB
B
BB
N.C
Latch
Circuit
2
6
1
3
4
5
7
8
9
10
11
12
13
14
15
16
17
18
19
Latch
Circuit


Similar Part No. - STK672-642AN-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-642A-E SANYO-STK672-642A-E Datasheet
134Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-642A-E SANYO-STK672-642A-E Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-642A-E ONSEMI-STK672-642A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-642A-E SANYO-STK672-642A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
More results

Similar Description - STK672-642AN-E

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com