Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z90349 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z90349
Description  DIGITAL TELEVISION CONTROLLER IN-CIRCUIT EMULATOR (ICE) DEVICE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z90349 Datasheet(HTML) 8 Page - Zilog, Inc.

  Z90349 Datasheet HTML 1Page - Zilog, Inc. Z90349 Datasheet HTML 2Page - Zilog, Inc. Z90349 Datasheet HTML 3Page - Zilog, Inc. Z90349 Datasheet HTML 4Page - Zilog, Inc. Z90349 Datasheet HTML 5Page - Zilog, Inc. Z90349 Datasheet HTML 6Page - Zilog, Inc. Z90349 Datasheet HTML 7Page - Zilog, Inc. Z90349 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Z90349/Z90348
PRELIMINARY
CP97TEL2600
Zilog
Zilog’s products are not authorized for use as critical compo-
nents in life support devices or systems unless a specific written
agreement pertaining to such intended use is executed between
the customer and Zilog prior to use. Life support devices or
systems are those which are intended for surgical implantation
into the body, or which sustains life whose failure to perform,
when properly used in accordance with instructions for use
provided in the labeling, can be reasonably expected to result in
significant injury to the user.
Zilog, Inc. 210 East Hacienda Ave.
Campbell, CA 95008-6600
Telephone (408) 370-8000
Telex 910-338-7621
FAX 408 370-8056
Internet: http://www.zilog.com
© 1997 by Zilog, Inc. All rights reserved. No part of this document
may be copied or reproduced in any form or by any means
without the prior written consent of Zilog, Inc. The information in
this document is subject to change without notice. Devices sold
by Zilog, Inc. are covered by warranty and patent indemnification
provisions appearing in Zilog, Inc. Terms and Conditions of Sale
only. Zilog, Inc. makes no warranty, express, statutory, implied or
by description, regarding the information set forth herein or
regarding the freedom of the described devices from intellectual
property infringement. Zilog, Inc. makes no warranty of mer-
chantability or fitness for any purpose. Zilog, Inc. shall not be
responsible for any errors that may appear in this document.
Zilog, Inc. makes no commitment to update or keep current the
information contained in this document.
AC CHARACTERISTICS
T
A = 0°C to + 70°C; VCC = 4.5 V to 5.5 V; FOSC = 32.768 KHz
Symbol
Parameter
Min
Max
Typical
Units
Note
T
PC
Input Clock Period
16
100
32
µs
T
RC,TFC
Clock Input Rise and Fall
12
µs
T
DPOR
Power On Reset Delay
0.8
1.2
s
Depends on Crystal
AC CHARACTERISTICS*
T
A = 0°C to + 70°C; VCC = 4.5
V to 5.5 V; F
OSC = 32.768 KHz
Symbol
Parameter
Min
Max
Typical
Units
T
WRES
Power-On Reset Min. Width
5TPC
µs
T
DHS
H_Sync Incoming Signal Width
5.5
12.5
11
µs
T
DVS
V_Sync Incoming Signal Width
0.15
1.5
1.0
ms
T
DES
Time Delay Between Leading Edge
–12
+12
0
µs
of V_Sync and H_Sync in Even Field
T
DOS
Time Delay Between Leading Edge
20
44
32
µs
of H_Sync in Odd Field
T
WHVS
H_Sync/V_Sync Edge Width
2.0
0.5
µs
Notes:
All timing of the I2C bus interface are defined by related specifications of
the I2C bus interface.


Similar Part No. - Z90349

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z90341 ZILOG-Z90341 Datasheet
69Kb / 7P
   DIGITAL TELEVISION CONTROLLER
More results

Similar Description - Z90349

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89319 ZILOG-Z89319 Datasheet
59Kb / 7P
   DIGITAL TELEVISION CONTROLLER IN-CIRCUIT EMULATOR (ICE) DEVICE
Z89319 ZILOG-Z89319 Datasheet
65Kb / 2P
   DIGITAL TELEVISION CONTROLLER IN-CIRCUIT EMULATOR (ICE) DEVICE
logo
Mosel Vitelic, Corp
MSM9058 MOSEL-MSM9058 Datasheet
16Kb / 1P
   ICE (In-Circuit Emulator) Card of U001
MSM9068 MOSEL-MSM9068 Datasheet
5Kb / 1P
   ICE (In-Circuit Emulator) Card of U3041
logo
Zilog, Inc.
Z89302 ZILOG-Z89302 Datasheet
74Kb / 8P
   Digital Television Controller
Z90365 ZILOG-Z90365 Datasheet
35Kb / 8P
   Digital Television Controller
Z89300 ZILOG-Z89300 Datasheet
86Kb / 8P
   DIGITAL TELEVISION CONTROLLER
Z90341 ZILOG-Z90341 Datasheet
69Kb / 7P
   DIGITAL TELEVISION CONTROLLER
Z89303 ZILOG-Z89303 Datasheet
52Kb / 8P
   DIGITAL TELEVISION CONTROLLER
Z89313 ZILOG-Z89313 Datasheet
52Kb / 8P
   DIGITAL TELEVISION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com