Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECB-960 Datasheet(PDF) 1 Page - AAEON Technology

Part # ECB-960
Description  high definition audio
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

ECB-960 Datasheet(HTML) 1 Page - AAEON Technology

  ECB-960 Datasheet HTML 1Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
09-3
www.aaeon.com
09
Features
Specifications
ECB-960
Support both ARM/x86 Based SMARC Module
Supports Gigabit Ethernet, RJ-45 x 1
HDMI, 18/24-bit Single Channel LVDS
High Definition Audio (for X86)
I2C Interface, SPI interface, UART x 2
PCI-Express [x1] x 3
SATA 3.0 Gb/s x 2, USB2.0 x 4, USB2.0 Device Mode x 1
microSD CARD Slot
CSI Interface for Camera (option)
Mini-ITX Form Factor (170 mm x 170mm)
SMARC SPEC : Version 1.0
*Features only available if the SMARC module supports it*
SMARC Carrier Board for ARM/x86 Solutions
TBD
ECB-960-A10
SMARC Carrier board for x86
ECB-960-A10-01
SMARC Carrier board for ARM
Ordering Information
Optional Accessories
System
Product Name
ECB-960-A10
ECB-960-A10-01
Platform
x86 (Intel® BayTrail)
ARM (Freescale i.mx6)
Form Factor
Mini-ITX form Factor (170mmx 170mm)
I/O Chipset
N/A (Legacy Support)
N/A
Ethernet
10/100/1000Base-TX, RJ-45 x 1 (From CPU module)
Expansion Interface
PCI-Express [x1] x 3 via adapter card
PCI-Express [x1] x 3 via adapter card
Power Consumption
(Typical)
Power Requirement
+12V DC; +8~20VDC-in on seperate conn.
Board Size
6.69” x 6.69” (170mm x 170mm)
Gross Weight
Operation Temperature
32 °F ~ 140 °F (0 °C ~ 60 °C)
Storage Temperature
-4 °F ~ 158 °F (-20 °C ~ 70 °C)
Operation Humidity
10% ~ 80% relative humidity, non-condensing
MTBF
Display
LVDS
18/24-bit Single channel LVDS
18/24-bit Single channel LVDS
I/O
Storage
SATA x 1, microSD card x 1
SATA x 1, microSD card x 1
Serial Port
2-wire x 1, 4-wire x 1
One, For debug only
USB
USB port 3.0 x 1
USB port 2.0 x 5 (1 for clinet)
USB port 2.0 x 3 (1 for OTG)
I2C
1
1
Audio
Line-in, Line-out, Microphone
Headphone


Similar Part No. - ECB-960

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ECB-960T-A10-0001 AAEON-ECB-960T-A10-0001 Datasheet
266Kb / 2P
   high definition audio interface
More results

Similar Description - ECB-960

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PICO-IMX6 AAEON-PICO-IMX6 Datasheet
295Kb / 2P
   high definition audio interface
ETX-A55E AAEON-ETX-A55E Datasheet
297Kb / 2P
   high definition audio interface
UCOM-BT AAEON-UCOM-BT Datasheet
266Kb / 2P
   high definition audio interface
logo
VIA Technologies, Inc.
VT1708B VIA-VT1708B Datasheet
1Mb / 92P
   High Definition Audio Codec
logo
List of Unclassifed Man...
VT1705 ETC-VT1705 Datasheet
896Kb / 99P
   High Definition Audio Codec
June 11, 2009
logo
AAEON Technology
COM-SKU AAEON-COM-SKU Datasheet
431Kb / 2P
   High Definition Audio Interface
logo
VIA Technologies, Inc.
VT1708S VIA-VT1708S Datasheet
717Kb / 87P
   High Definition Audio Codec
logo
Analog Devices
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com