Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1700050207 Datasheet(PDF) 1 Page - AAEON Technology

Part # 1700050207
Description  gigabit ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

1700050207 Datasheet(HTML) 1 Page - AAEON Technology

  1700050207 Datasheet HTML 1Page - AAEON Technology 1700050207 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
02-3
www.aaeon.com
02
Features
Specifications
EPIC Board with 5th Generation Intel® Core™ i Series ULT Processor SoC
System
Form Factor
EPIC
Processor
5th Generation Intel® Core™ i series ULT Processor SoC
System Memory
204-pin SODIMM DDR3L 1600 MHz, up to 8 GB
Chipset
5th Generation Intel® Core™ i series ULT Processor SoC
I/O Chipset
Fintek 81866D
Ethernet
Intel® WGI211AT x 1/ WGI218LM x 1, RJ-45 x 2
BIOS
AMI/SPI
Wake On LAN
Yes
Watchdog Timer
1~255sec support by AAEON Hi-safe
H/W Status Monitoring
Support by AAEON Hi-safe
Expansion Interface
Mini-card full size #1 (Shared with mSATA) (Optional)
SIM slot x 1 support by mini-card#1 full size (Optional)
Mini-card half size #2
PCI-104 x 1(optional)
Touch panel screen controller and connector x 1 (optional)
TPM x 1 (optional)
Battery
Lithium RTC battery
Power Requirement
+12V or +9~24V AT/ATX(default)
Power Consumption
(Typical)
System Cooling
Heat spreader, cooler (Optional)
Board Size
4.5" x 6.5" (115mm x 165mm)
Gross Weight
1.2 lb (0.5 Kg)
Operation Temperature
32°F ~ 140°F ( 0°C ~ 60°C)
Storage Temperature
-40 °F ~ 176 °F (-40 °C ~ 80 °C)
Operation Humidity
0% ~ 90% relative humidity, non-condensing
MTBF
63,500
Display
Supports 3 simultaneous display
Chipset
5th Generation Intel® Core™ i series ULT Processor SoC
Resolutions
VGA up to 1920 x 1200 @ 60 Hz or DP up to 3840 x 2160 @ 60 Hz
LVDS (18/24-bit dual-channel) up to 1920 x 1200@ 60 Hz
LCD Interface
VGA, LVDS1, DP2, LVDS2 (Optional), eDP (Optional)
I/O
Storage
SATA 6.0 Gb/s x 2, mSATA x 1
Serial Port
COM: RS-232 x 4
COM2, COM3: RS-232/422/485 x 2 (Ring/+5V/+12V)
Parallel Port
SPP/EPP/ECP x 1 (co-lay with DIO) (Optional)
USB
USB 3.0 x 2, USB 2.0 x 4
USB 1/2 total support 1.5A on rear I/O
Digital I/O
Supports 16-bits (Programmable, 8-in/8-out) (Default)
Audio
Line-out, Line-in, Mic-in; Audio 2W Amp.
Packing List
1709070500
SATA Cable, Length 50 cm
1702150155
SATA Power Cable, Length 15 cm
M10BDU7000
Heat Spreader
9657666600
Jumper Cap
Product DVD
EPIC-BDU7
EPIC-BDU7
Onboard 5th Generation Intel® Core™ i Series ULT Processor
SoC
DDR3L 1600 MHz SODIMM x 1, Up to 8 GB
Gigabit Ethernet x 2, RJ-45 x 2
VGA, LVDS, DP, LVDS (Optional), eDP (Optional)
SATA 6.0 Gb/s x 2, mSATA/Mini-Card x 1
USB 3.0 x 2 , USB 2.0 x 4
RS-232 x 4, RS-232/422/485 x 2
Optional Touch Screen, TPM and PCI-104
Mini-Card x 1, SIM x 1 (Optional)
9-24V Operation
15W TDP
SoC Solder up Design
2015/09/22
Optional Accessories
Part Number
Description
QTY
1702040151
Power Cable (4pin), Length 15cm (Optional)
1
1702002010
Power Cable (2pin), Length 10cm
1
1709100254
Audio Cable (3pin), Length 25cm
1
1700050207
USB Cable (5pin), Length 20cm
4
1701260200
LPT Cable (25pin), Length 20cm
1
1700060155
PS/2 & KB Cable (6pin), Length 15cm
1
1701090150
COM Cable (9pin), Length 15cm
4
PER-A138
CPU Cooler (Used with heat spreader)
1
VGA
DP
LAN x 2
Mini-Card #2 mSATA/Mini Card #1
USB3.0
COM
COM x 4
SATA
USB x 4
SIM (Support by Mini-card #1)
LPT/DIO
PCI-104 (Optional)
DDR3L
SO-DIMM
LVDS


Similar Part No. - 1700050207

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
1700050207 AAEON-1700050207 Datasheet
342Kb / 2P
   lvds 24-bit dual channel
1700050207 AAEON-1700050207 Datasheet
266Kb / 2P
   CRT, 18-bit Single Channel LVDS LCD
1700050207 AAEON-1700050207 Datasheet
279Kb / 2P
   gigabit ethernet
1700050207 AAEON-1700050207 Datasheet
477Kb / 2P
   BIO Connector for Daughter Board (Optional)
1700050207 AAEON-1700050207 Datasheet
318Kb / 2P
   gigabit ethernet
More results

Similar Description - 1700050207

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
   gigabit ethernet
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
   gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
   gigabit ethernet
AEC-6612 AAEON-AEC-6612 Datasheet
252Kb / 2P
   gigabit ethernet
EMB-B75A AAEON-EMB-B75A Datasheet
354Kb / 2P
   gigabit ethernet
GENE-BT05 AAEON-GENE-BT05 Datasheet
318Kb / 2P
   gigabit ethernet
GENE-BSW5 AAEON-GENE-BSW5 Datasheet
279Kb / 2P
   gigabit ethernet
FWS-7400 AAEON-FWS-7400 Datasheet
248Kb / 2P
   gigabit ethernet
GENE-A55E AAEON-GENE-A55E Datasheet
274Kb / 2P
   gigabit ethernet
NANOCOM-BT AAEON-NANOCOM-BT Datasheet
275Kb / 2P
   gigabit ethernet
PICO-BT01 AAEON-PICO-BT01 Datasheet
317Kb / 2P
   gigabit ethernet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com