Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C9533ASC Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z86C9533ASC
Description  CMOS Z8 DIGITAL SIGNAL PROCESSOR (DSP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C9533ASC Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z86C9533ASC Datasheet HTML 7Page - Zilog, Inc. Z86C9533ASC Datasheet HTML 8Page - Zilog, Inc. Z86C9533ASC Datasheet HTML 9Page - Zilog, Inc. Z86C9533ASC Datasheet HTML 10Page - Zilog, Inc. Z86C9533ASC Datasheet HTML 11Page - Zilog, Inc. Z86C9533ASC Datasheet HTML 12Page - Zilog, Inc. Z86C9533ASC Datasheet HTML 13Page - Zilog, Inc. Z86C9533ASC Datasheet HTML 14Page - Zilog, Inc. Z86C9533ASC Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Z86C95 DSP
CPS DC-4067-13
AC CHARACTERISTICS
External I/O or Memory Read and Write; DSR/DSW; WAIT Timing Table
T
A = 0°C to +70°C
40 MHz**
33 MHz
24 MHz
No
Sym
Parameter
Min
Max
Min
Max
Min
Max
Units
1
TdA(AS)
Address Valid To /AS Rise Delay
8
15
22
ns
2
TdAS(A)
/AS Rise To Address Hold Time
15
20
25
ns
3
TdAS(DI)
/AS Rise Data In Req’d Valid Delay
75
96
130
ns
4
TwAS
/AS Low Width
10
15
28
ns
5
TdAZ(DSR)
Address Float To /DS Fall (Read)
0
0
0
ns
6
TwDSR
/DS (Read) Low Width
60
65
100
ns
7
TwDSW
/DS (Write) Low Width
35
40
65
ns
8
TdDSR(DI)
/DS Fall (Read) To Data Req'd Valid Delay
40
45
80
ns
9
ThDSR(DI)
/DS Rise (Read) to Data In Hold Time
0
0
0
ns
10
TdDS(A)
/DS Rise To Address Active Delay
20
25
40
ns
11
TdDS(AS)
/DS Rise To /AS Delay
16
16
30
ns
12
TdR/W(AS)
R/W To Valid /AS Rise Delay
10
12
26
ns
13
TdDS(R/W)
/DS Rise To R/W Not Valid Delay
12
12
30
ns
14
TdDO(DSW)
Data Out To /DS Fall (Write) Delay
12
12
34
ns
15
ThDSW(DO)
/DS Rise (Write) To Data Out Hold Time
12
12
34
ns
16
TdA(DI)
Address Valid To Data Req’d Valid Delay
90
115
160
ns
17
TdAS(DSR)
/AS Rise To /DS Fall (Read) Delay
20
20
40
ns
19
TdDM(AS)
/DM Valid To /AS Rise Delay
10
10
22
ns
20
TdDS(DM)
/DS Rise To /DM Valid Delay
15
15
35
ns
21
ThDS(A)
/DS Rise To Address Valid Hold Time
15
15
30
ns
22
TdXT(SCR)
XTAL Falling to SCLK Rising
30
35
40
ns
23
TdXT(SCF)
XTAL Falling to SCLK Falling
30
35
40
ns
24
TdXT(DSRF)
XTAL Falling to/DS Read Falling
40
45
50
ns
25
TdXT(DSRR)
XTAL Falling to /DS Read Rising
30
35
45
ns
26
TdXT(DSWF)
XTAL Falling to /DS Write Falling
40
45
50
ns
27
TdXT(DSWF)
XTAL Falling to /DS Write Rising
30
35
45
ns
28
TsW(XT)
Wait Set-up Time
5
5
5
ns
29
ThW(XT)
Wait Hold Time
15
15
15
ns
30
TwW
Wait Width (One Wait Time)
20
20
25
ns
Notes:
When using extended memory timing add 2 TpC.
Timing numbers given are for minimum TpC.
** Preliminary values, to be characterized.


Similar Part No. - Z86C9533ASC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C90 ZILOG-Z86C90 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C9012PSC ZILOG-Z86C9012PSC Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C9012VSC ZILOG-Z86C9012VSC Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C90PLCC ZILOG-Z86C90PLCC Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C90QFP ZILOG-Z86C90QFP Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
More results

Similar Description - Z86C9533ASC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST18952 STMICROELECTRONICS-ST18952 Datasheet
357Kb / 67P
   DIGITAL SIGNAL PROCESSOR DSP CHIP
logo
Zilog, Inc.
Z89320 ZILOG-Z89320 Datasheet
77Kb / 7P
   16-BIT DSP DIGITAL SIGNAL PROCESSOR
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
SAA8110G PHILIPS-SAA8110G Datasheet
232Kb / 36P
   Digital Signal Processor DSP for cameras
1997 Jun 13
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
   Car radio Digital Signal Processor (DSP)
2001 Mar 05
logo
Sharp Corporation
LR38666Y SHARP-LR38666Y Datasheet
203Kb / 38P
   CMOS digital signal processor
logo
Zilog, Inc.
Z86C33 ZILOG-Z86C33 Datasheet
114Kb / 16P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86L33 ZILOG-Z86L33 Datasheet
223Kb / 16P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86C30 ZILOG-Z86C30 Datasheet
128Kb / 17P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
logo
STMicroelectronics
D950-CORE STMICROELECTRONICS-D950-CORE Datasheet
560Kb / 89P
   16-Bit Fixed Point Digital Signal Processor DSP Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com