Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PER-A134 Datasheet(PDF) 2 Page - AAEON Technology

Part # PER-A134
Description  gigabit ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PER-A134 Datasheet(HTML) 2 Page - AAEON Technology

  PER-A134 Datasheet HTML 1Page - AAEON Technology PER-A134 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06-22
www.aaeon.com
Note: All specifications are subject to change without notice.
Unit: mm
Block Diagram
Dimension
Unit: mm
NanoCOM-BT
Ordering Information
Part Number
COM Express Type
CPU
Memory
Display
LVDS
Storage
LAN
USB
UART
Expansion Slot
Power
Power Temp
Others
NANOCOM-BT-A10-0001
10 (COM.0 Rev. 2.1)
Intel® Celeron® N2930 Onboard DDR3L 2 GB
eDP/
LVDS, DDI
24b, 1CH SATA x 2
GbE x 1
USB2.0 x 6,
USB2.0/USB3.0 x 1
2
PCI-Express [x1] x 3
+12V, AT/
ATX
0°C ~ 60°C
NANOCOM-BT-A10-0002
10 (COM.0 Rev. 2.1)
Intel® Celeron® N2807 Onboard DDR3L 2 GB
eDP/
LVDS, DDI
24b, 1CH SATA x 2
GbE x 1
USB2.0 x 6,
USB2.0/USB3.0 x 1
2
PCI-Express [x1] x 3
+12V, AT/
ATX
0°C ~ 60°C
NANOCOM-BT-A10-0003
10 (COM.0 Rev. 2.1)
Intel® Atom™ E3845
Onboard DDR3L 2 GB
eDP/
LVDS, DDI
24b, 1CH SATA x 2
GbE x 1
USB2.0 x 6,
USB2.0/USB3.0 x 1
2
PCI-Express [x1] x 3
+12V, AT/
ATX
0°C ~ 60°C
eMMC 16 GB
NANOCOM-BT-A10-0004
10 (COM.0 Rev. 2.1)
Intel® Atom™ E3827
Onboard DDR3L 2 GB
eDP/
LVDS, DDI
24b, 1CH SATA x 2
GbE x 1
USB2.0 x 6,
USB2.0/USB3.0 x 1
2
PCI-Express [x1] x 3
+12V, AT/
ATX
0°C ~ 60°C
NANOCOM-BT-A10-0005
10 (COM.0 Rev. 2.1)
Intel® Atom™ E3826
Onboard DDR3L 2 GB
eDP/
LVDS, DDI
24b, 1CH SATA x 2
GbE x 1
USB2.0 x 6,
USB2.0/USB3.0 x 1
2
PCI-Express [x1] x 3
+12V, AT/
ATX
0°C ~ 60°C
NANOCOM-BT-A10-0006
10 (COM.0 Rev. 2.1)
Intel® Atom™ E3825
Onboard DDR3L 2 GB
eDP/
LVDS, DDI
24b, 1CH SATA x 2
GbE x 1
USB2.0 x 6,
USB2.0/USB3.0 x 1
2
PCI-Express [x1] x 3
+12V, AT/
ATX
0°C ~ 60°C
eMMC 8 GB
NANOCOM-BT-A10-0007
10 (COM.0 Rev. 2.1)
Intel® Atom™ E3815
Onboard DDR3L 2 GB
eDP/
LVDS, DDI
24b, 1CH SATA x 2
GbE x 1
USB2.0 x 6,
USB2.0/USB3.0 x 1
2
PCI-Express [x1] x 3
+12V, AT/
ATX
0°C ~ 60°C
DDR3L Memory Down
Channel A
USB 2.0 * 3
PCIe
TYPE 10
DDI
ITE
EC
IT8528
GPIO
SMBus
SPI
LPC
Intel
GbE Ethernet
i210/i211
GBE
18/24bit LVDS
PCIe[x1]*3
USB2.0
USB HUB
USB2.0 * 4
NXP
DP to LVDS
PTN3460
DDI
Intel®
Processors
Atom™
E3800
Celeron®
N2800/
N2900/
J1900
SW
GPIO
SDIO
eMMC
(Option)
eMMC
SATA * 2
COM Port * 2
USB 3.0
I2C
BIOS
SPI


Similar Part No. - PER-A134

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PER-A138 AAEON-PER-A138 Datasheet
349Kb / 2P
   gigabit ethernet
More results

Similar Description - PER-A134

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
   gigabit ethernet
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
   gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
   gigabit ethernet
AEC-6612 AAEON-AEC-6612 Datasheet
252Kb / 2P
   gigabit ethernet
EMB-B75A AAEON-EMB-B75A Datasheet
354Kb / 2P
   gigabit ethernet
GENE-BT05 AAEON-GENE-BT05 Datasheet
318Kb / 2P
   gigabit ethernet
GENE-BSW5 AAEON-GENE-BSW5 Datasheet
279Kb / 2P
   gigabit ethernet
FWS-7400 AAEON-FWS-7400 Datasheet
248Kb / 2P
   gigabit ethernet
GENE-A55E AAEON-GENE-A55E Datasheet
274Kb / 2P
   gigabit ethernet
PICO-BT01 AAEON-PICO-BT01 Datasheet
317Kb / 2P
   gigabit ethernet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com