Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M10BT0100 Datasheet(PDF) 1 Page - AAEON Technology

Part # M10BT0100
Description  gigabit ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

M10BT0100 Datasheet(HTML) 1 Page - AAEON Technology

  M10BT0100 Datasheet HTML 1Page - AAEON Technology M10BT0100 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
05-1
www.aaeon.com
05
Features
Specifications
PICO-BT01
Onboard Intel® Atom™ E3845/ Celeron® J1900/ N2807
Processor SoC
DDR3L 1066/1333 MHz SODIMM x 1, Up to 8 GB
18/24-bit LVDS, CRT Co-lay Display Port
SATA 3.0 Gb/s x 1
USB3.0 x 1, USB2.0 x 2
Gigabit Ethernet x 1, RJ-45 x 1
RS-232 x 1, RS-232/422/485 x 1
mSATA/Mini-Card x 1, Mini-Card x 1
4-bit Digital I/O
BIO Connector for Daughter Board
Pico-ITX Board with Intel® Atom™ or Celeron® Processor SoC
M10BT0100
Heat Spreader
1703200153
COM x 2, Line-out Cable
Product CD
PICO-BT01
1709070500
SATA Cable
1702150155
SATA Power Cable
17592NABT0
CPU Cooler for 6-10W
M16BT01000
Heatsink for N2807
1700050207
USB Cable 20cm
Packing List
Optional Accessories
System
Form Factor
Pico-ITX
Processor
Onboard Intel® Atom™ E3845/ Celeron® J1900/N2807 Processor SoC Up to
2.0 GHz
System Memory
204-pin SODIMM DDR3L 1066/1333 MHz up to 8 GB
Chipset
Intel® Atom™ E3845/ Celeron® J1900/ Celeron® N2807 Processor SoC
I/O Chipset
Fintek 81801
Ethernet
Gigabit Ethernet, RJ-45 x 1
BIOS
AMI/SPI
Wake On LAN
Yes
Watchdog Timer
1-255 steps by software program
H/W Status Monitoring
Monitoring system temperature, voltage status
Expansion Interface
Mini-Card x 1 (Half-size), BIO [PCIe x 1, USB x 2, line-out, SMbus, GPIO, LPC]
(Optional)
Battery
Lithium battery
Power Requirement
+12V AT/ATX(default), lockable connector optional
Power Consumption
(Typical)
Intel® Celeron® J1900 2.0GHz ,DDR3L 1333 MHz 8 GB
1.14A@+12V
System Cooling
Fanless
Board Size
3.94" x 2.83" (100mm x 72mm)
Gross Weight
0.44 lb (0.2kg)
Operation Temperature
32°F ~ 140°F( 0°C ~ 60°C)
Storage Temperature
-40 °F ~ 176 °F (-40 °C ~ 80 °C)
Operation Humidity
0% ~ 90% relative humidity, non-condensing
MTBF
80,000
2015/04/1
Mini-Card
Backlight
DIO
USB
mSATA/
Mini-Card
SATA
LVDS
RAM slot
COM x 2,
line-out
LAN
USB3.0
USB2.0
DP/VGA
DC-IN
Display
Supports dual simultaneous displays
Chipset
Intel® Atom™E3845/ Celeron® J1900/ Celeron® N2807 Processor SoC
Resolution
VGA up to 2048 x 1152 @ 60 Hz
or DP up to 2560 x 1400 @ 60 Hz
LVDS (18/24-bit) up to 1400 x 900@ 60 Hz
LCD Interface
18/24-bit Single LVDS
I/O
Storage
SATA 3.0 Gb/s x 1, mSATA/Mini-Card x 1 (Full size)
Serial Port
COM1: RS-232 x 1, COM2: RS-232/422/485 x 1 (Ring/ +5V/ +12V)
USB
USB3.0 x 1, USB 2.0 x 2, USB 1/2 total support 1.5A on rear I/O
Digital I/O
Support 4-bit(Programmable, 2-in/2-out)
Audio
Line-out
BIO Interface (optional)
Customize request.
BIO daughter board w/ LAN x 1 or Mini-Card x 1,USB x 2, Line-out, SMbus, GPIO


Similar Part No. - M10BT0100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M10B11664A ETC-M10B11664A Datasheet
1Mb / 15P
   64K X 16 DRAM FAST PAGE MODE
M10B11664A-25J ETC-M10B11664A-25J Datasheet
1Mb / 15P
   64K X 16 DRAM FAST PAGE MODE
M10B11664A-25T ETC-M10B11664A-25T Datasheet
1Mb / 15P
   64K X 16 DRAM FAST PAGE MODE
M10B11664A-30J ETC-M10B11664A-30J Datasheet
1Mb / 15P
   64K X 16 DRAM FAST PAGE MODE
M10B11664A-30T ETC-M10B11664A-30T Datasheet
1Mb / 15P
   64K X 16 DRAM FAST PAGE MODE
More results

Similar Description - M10BT0100

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
   gigabit ethernet
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
   gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
   gigabit ethernet
AEC-6612 AAEON-AEC-6612 Datasheet
252Kb / 2P
   gigabit ethernet
EMB-B75A AAEON-EMB-B75A Datasheet
354Kb / 2P
   gigabit ethernet
GENE-BT05 AAEON-GENE-BT05 Datasheet
318Kb / 2P
   gigabit ethernet
GENE-BSW5 AAEON-GENE-BSW5 Datasheet
279Kb / 2P
   gigabit ethernet
FWS-7400 AAEON-FWS-7400 Datasheet
248Kb / 2P
   gigabit ethernet
GENE-A55E AAEON-GENE-A55E Datasheet
274Kb / 2P
   gigabit ethernet
NANOCOM-BT AAEON-NANOCOM-BT Datasheet
275Kb / 2P
   gigabit ethernet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com