Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP600-80ETN Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP600-80ETN
Description  specification describes a 600 watts power supply.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP600-80ETN Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP600-80ETN_15 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
This specification describes a 600 watts power supply. With
8 output, and remote ON/OFF control for ATX-12V system
and a “Power factor correction (active PFC )” circuit at
100V-240Vac.
APPLICATION
Desktop
W ATTAGE
Wattage:
600W
DIMENSION
Dimension:
140mm(L) x 150mm(W) x
86mm(H)
PRODUCT HIGHLIGHT
Efficiency Lev el:
80PLUS Platinum
Erp Lot:
<0.5W
Input Voltage:
100~240Vac
INPUT SPECIFICATION
Input Range:
100-240 Vac
Input F requency :
47-63 Hz
Input Current:
8 Amp (maximum) at 100-
127Vrms/ 60 Hz 4Amp
(maximum) at 200-240 Vrms/
50 Hz. .
OUTPUT SPECIFICATION
Output Rise Time:
+3.3V 20mS (maximum)
+5V 20mS (maximum)
+12V 20mS (maximum)
-12V 20mS (maximum)
SAFETY STANDARD APPAOVAL
GENERAL SPECIFICATION
Efficiency :
80PLUS Platinum
PWOK Delay Time: 500ms > PWOK > 100ms
EMC Performance: EN55022 class B
ENVIRONMENTAL SPECIFICATION
TEMP.Range:
Storage Temperature: -20°C to +
70
MTBF :
The power supply reliability, when
calculated by “Bellcore” latest
revision are exceed 100,000 hours
with all output at maximum load and
an ambient temperature of 25.
*Output Voltage and C urrent Rating
+3.3V
+5V
+12V1
+12V2
+12V3
+12V4
-12V
+5Vsb
Ripple-Noise(R-P) mV
50mV
50mV
50mV
120mV
120mV
120mV
200mV
50mV
Regulation Load %
±5%
±5%
±5%
±5%
±5%
±5%
±10%
±5%
Output Max.(A)
20A
18A
18A
18A
18A
18A
0.3A
3A
Output Min.(A)
0.1A
0.2A
0.1A
0A
0A
0A
0A
0A
NOTES
+3.3V & +5V total output not exceed 100W.
When +5V is load to 18A, the +3.3V maximum load is 3A.
When +3.3V is load to 20A, the +5V maximum load is 6.8A.
+12V1 & +12V2 & +12V3 & +12V4 total output not exceed 552W(46A).
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
PC PSU
FSP600-80ETN


Similar Part No. - FSP600-80ETN_15

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP600-80ETN SPI-FSP600-80ETN Datasheet
1Mb / 1P
   600 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
More results

Similar Description - FSP600-80ETN_15

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP600-50ARN FSP-FSP600-50ARN_15 Datasheet
202Kb / 1P
   specification describes a 600 watts power supply.
FSP600-80EGN FSP-FSP600-80EGN_15 Datasheet
146Kb / 1P
   specification describes a 600 watts power supply.
FSP600-50ERN FSP-FSP600-50ERN_15 Datasheet
215Kb / 1P
   specification describes a 600 watts power supply.
FSP550-50ARN FSP-FSP550-50ARN_15 Datasheet
202Kb / 1P
   specification describes a 550 watts power supply.
FSP400-60ETN FSP-FSP400-60ETN_15 Datasheet
101Kb / 1P
   specification describes a 400 watts power supply.
FSP350-50ERN FSP-FSP350-50ERN_15 Datasheet
214Kb / 1P
   specification describes a 350 watts power supply.
FSP550-80ETN FSP-FSP550-80ETN_15 Datasheet
101Kb / 1P
   specification describes a 550 watts power supply.
FSP500-50ERN FSP-FSP500-50ERN_15 Datasheet
215Kb / 1P
   specification describes a 500 watts power supply.
FSP400-50ERN FSP-FSP400-50ERN_15 Datasheet
215Kb / 1P
   specification describes a 400 watts power supply.
FSP400-60EGN FSP-FSP400-60EGN_15 Datasheet
146Kb / 1P
   specification describes a 400 watts power supply.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com