Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86L08 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z86L08
Description  Z8 8-Bit Cost-Effective Microcontrollers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L08 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z86L08 Datasheet HTML 1Page - Zilog, Inc. Z86L08 Datasheet HTML 2Page - Zilog, Inc. Z86L08 Datasheet HTML 3Page - Zilog, Inc. Z86L08 Datasheet HTML 4Page - Zilog, Inc. Z86L08 Datasheet HTML 5Page - Zilog, Inc. Z86L08 Datasheet HTML 6Page - Zilog, Inc. Z86L08 Datasheet HTML 7Page - Zilog, Inc. Z86L08 Datasheet HTML 8Page - Zilog, Inc. Z86L08 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DS97LVO0901
P R E L I M I N A R Y
1
1
PRELIMINARY PRODUCT SPECIFICATION
Z86L04/L08
1
Z8 8-BIT COST-EFFECTIVE
MICROCONTROLLERS
FEATURES
s
18-Pin DIP and SOIC Packages
s
0
°C to + 70 °C Standard Temperature
s
2.0V to 3.9V Operating Range
s
14 Input / Output Lines
s
Five Vectored, Prioritized Interrupts from Five Different
Sources
s
Two On-Board Comparators
s
Software Enabled Watch-Dog Timer (WDT)
s
Programmable Interrupt Polarity
s
Two Standby Modes: STOP and HALT
s
Low-Voltage Protection
s
ROM Mask/OTP Options:
ROM Protect
Auto Latch Disable
Permanent Watch-Dog Timer (WDT)
RC Oscillator
32 kHz Crystal Operation
Low EMI
WDT Clock Source (Z86L04 only)
s
Two Programmable 8-Bit Counter/Timers with
6-Bit Programmable Prescalers
s
Power-On Reset (POR) Timer
s
On-Chip Oscillator that Accepts RC, Crystal, Ceramic
Resonator, LC, or External Clock Drive
s
Clock-Free WDT Reset
s
Low-Power Consumption (40 mw)
s
Fast Instruction Pointer (1.5
µs @ 8 MHz)
s
Fourteen Digital Inputs at CMOS Levels;
Schmitt-Triggered
GENERAL DESCRIPTION
Zilog's Z86L04/L08 microcontrollers (MCUs) are members
of the Z8 single-chip MCU family, which offer easy soft-
ware/hardware system expansion.
For applications demanding powerful I/O capabilities, the
MCU's dedicated input and output lines are grouped into
three ports, and are configurable under software control to
provide timing, status signals, or parallel I/O.
One on-chip counter/timer, with a large number of user-se-
lectable modes, off-load the system of administering real-
time tasks such as counting/timing and I/O data communi-
cations. Additionally, two on-board comparators process
analog signals with a common reference voltage (Figure
1).
Device
ROM
(KB)
RAM*
(Bytes)
Speed
(MHz)
Auto
Latch
Permanent
WDT
Z86L04
1K
125
8
Optional Optional
Z86L08
2K
125
8
Optional Optional
Note: *General-Purpose


Similar Part No. - Z86L08

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L02 ZILOG-Z86L02 Datasheet
1Mb / 37P
   Two On-Board Comparators
More results

Similar Description - Z86L08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1713 MICROCHIP-PIC16LF1713 Datasheet
9Mb / 471P
   Cost Effective 8-Bit Intelligent Analog Flash Microcontrollers
Revision D 9/2018
PIC16LF1717 MICROCHIP-PIC16LF1717 Datasheet
10Mb / 482P
   Cost-Effective 8-Bit Intelligent Analog Flash Microcontrollers
Revision D 09/2020
logo
Zilog, Inc.
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
Z86217 ZILOG-Z86217 Datasheet
63Kb / 7P
   CMOS Z8 8-BIT MICROCONTROLLERS (POINTING DEVICE/TRACKBALL)
Z8F6421PM020SC ZILOG-Z8F6421PM020SC Datasheet
1Mb / 299P
   High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
logo
Holtek Semiconductor In...
HT48R062 HOLTEK-HT48R062_08 Datasheet
230Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
   Cost-Effective I/O Type 8-Bit MCU
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46 HOLTEK-HT46R46 Datasheet
291Kb / 42P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com