Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86L08 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z86L08
Description  Z8 8-Bit Cost-Effective Microcontrollers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L08 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z86L08 Datasheet HTML 1Page - Zilog, Inc. Z86L08 Datasheet HTML 2Page - Zilog, Inc. Z86L08 Datasheet HTML 3Page - Zilog, Inc. Z86L08 Datasheet HTML 4Page - Zilog, Inc. Z86L08 Datasheet HTML 5Page - Zilog, Inc. Z86L08 Datasheet HTML 6Page - Zilog, Inc. Z86L08 Datasheet HTML 7Page - Zilog, Inc. Z86L08 Datasheet HTML 8Page - Zilog, Inc. Z86L08 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Z86L04/L08
Z8 8-Bit Cost-Effective Microcontrollers
Zilog
4
P R E L I M I N A R Y
DS97LVO0901
PIN DESCRIPTIONS
Figure 3. 18-Pin Standard Mode Configuration
Table 1. 18-Pin Standard Mode Identification
Pin #
Symbol
Function
Direction
1-4
P24-P27
Port 2, Pins 4, 5, 6, 7In/Output
5VCC
Power Supply
6
XTAL2
Crystal Oscillator
Clock
Output
7
XTAL1
Crystal Oscillator
Clock
Input
8
P31
Port 3, Pin 1, AN1
Input
9
P32
Port 3, Pin 2, AN2
Input
10
P33
Port 3, Pin 3, REF
Input
11-13
P00-P02
Port 0, Pins 0, 1, 2
In/Output
14
GND
Ground
15-18
P20-P23
Port 2, Pins 0, 1, 2, 3In/Output
P24
P25
P26
P27
VCC
XTAL2
XTAL1
P31
P32
P23
P22
P21
P20
GND
P02
P01
P00
P33
18
DIP 18 - Pin
1
910
Figure 4. 18-Pin SOIC Configuration
Table 2. 18-Pin SOIC Pin Identification
Pin #
Symbol
Function
Direction
1-4
P24-P27
Port 2, Pins 4,5,6,7 In/Output
5VCC
Power Supply
6
XTAL2
Crystal Osc. Clock Output
7
XTAL1
Crystal Osc. Clock Input
8
P31
Port 3, Pin 1, AN1
Input
9
P32
Port 3, Pin 2, AN2
Input
10
P33
Port 3, Pin 3, REF
Input
11-13
P00-P02
Port 0, Pins 0,1,2
In/Output
14
GND
Ground
15-18
P20-P23
Port 2, Pins 0,1,2,3 In/Output
P24
P25
P26
P27
VCC
XTAL2
XTAL1
P31
P32
P23
P22
P21
P20
GND
P02
P01
P00
P33
18
SOIC 18 - Pin
1
910


Similar Part No. - Z86L08

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L02 ZILOG-Z86L02 Datasheet
1Mb / 37P
   Two On-Board Comparators
More results

Similar Description - Z86L08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1713 MICROCHIP-PIC16LF1713 Datasheet
9Mb / 471P
   Cost Effective 8-Bit Intelligent Analog Flash Microcontrollers
Revision D 9/2018
PIC16LF1717 MICROCHIP-PIC16LF1717 Datasheet
10Mb / 482P
   Cost-Effective 8-Bit Intelligent Analog Flash Microcontrollers
Revision D 09/2020
logo
Zilog, Inc.
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
Z86217 ZILOG-Z86217 Datasheet
63Kb / 7P
   CMOS Z8 8-BIT MICROCONTROLLERS (POINTING DEVICE/TRACKBALL)
Z8F6421PM020SC ZILOG-Z8F6421PM020SC Datasheet
1Mb / 299P
   High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
logo
Holtek Semiconductor In...
HT48R062 HOLTEK-HT48R062_08 Datasheet
230Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
   Cost-Effective I/O Type 8-Bit MCU
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46 HOLTEK-HT46R46 Datasheet
291Kb / 42P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com