Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86L08 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z86L08
Description  Z8 8-Bit Cost-Effective Microcontrollers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L08 Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z86L08 Datasheet HTML 3Page - Zilog, Inc. Z86L08 Datasheet HTML 4Page - Zilog, Inc. Z86L08 Datasheet HTML 5Page - Zilog, Inc. Z86L08 Datasheet HTML 6Page - Zilog, Inc. Z86L08 Datasheet HTML 7Page - Zilog, Inc. Z86L08 Datasheet HTML 8Page - Zilog, Inc. Z86L08 Datasheet HTML 9Page - Zilog, Inc. Z86L08 Datasheet HTML 10Page - Zilog, Inc. Z86L08 Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Z86L04/L08
Zilog
Z8 8-Bit Cost-Effective Microcontrollers
DS97LVO0901
P R E L I M I N A R Y
7
1
TA = 0 °C to +70 °C Typical
Sym Parameter
VCC [3]
Min
Max
@ 25
°C Units
Conditions
Notes
ICC
Supply Current
2.0V
3.3
mA
@ 2 MHz
5,6
3.9V
6.8
mA
@ 2 MHz
5,6
2.0V
6.0
mA
@ 8 MHz
5,6
3.9V
9.0
mA
@ 8 MHz
5,6
ICC1 Standby Current (Halt Mode)
2.0V
2.3
mA
@ 2 MHz
5,6,7
3.9V
3.8
mA
@ 2 MHz
5,6,7
2.0V
3.8
mA
@ 8 MHz
5,6,7
3.9V
4.8
mA
@ 8 MHz
5,6,7
ICC2 Standby Current (Stop Mode)
2.0V
10
1.0
µA
6,7
3.9V
10
1.0
µA
6,7
IALL Auto Latch Low Current
2.0V
12
3.0
µA
0V < VIN < VCC
3.9V
32
16
µA
0V < VIN < VCC
IALH Auto Latch High Current
2.0V
–8
-1.5
µA
0V < VIN < VCC
3.9V
–16
-8.0
µA
Notes:
1. Port 0, 2, and 3 only.
2. VSS = 0V = GND. The device operates down to VLV. The minimum operational VCC is determined by the value of the voltage VLV
at the ambient temperature.
3. VCC = 2.0V to 3.9V, typical values measured at VCC = 3.3 V.
4. Standard Mode (not Low EMI mode).
5. Inputs at VCC or VSS, outputs are unloaded.
6. WDT is not running.
7. Comparator inputs at VCC.


Similar Part No. - Z86L08

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L02 ZILOG-Z86L02 Datasheet
1Mb / 37P
   Two On-Board Comparators
More results

Similar Description - Z86L08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1713 MICROCHIP-PIC16LF1713 Datasheet
9Mb / 471P
   Cost Effective 8-Bit Intelligent Analog Flash Microcontrollers
Revision D 9/2018
PIC16LF1717 MICROCHIP-PIC16LF1717 Datasheet
10Mb / 482P
   Cost-Effective 8-Bit Intelligent Analog Flash Microcontrollers
Revision D 09/2020
logo
Zilog, Inc.
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
Z86217 ZILOG-Z86217 Datasheet
63Kb / 7P
   CMOS Z8 8-BIT MICROCONTROLLERS (POINTING DEVICE/TRACKBALL)
Z8F6421PM020SC ZILOG-Z8F6421PM020SC Datasheet
1Mb / 299P
   High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
logo
Holtek Semiconductor In...
HT48R062 HOLTEK-HT48R062_08 Datasheet
230Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
   Cost-Effective I/O Type 8-Bit MCU
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46 HOLTEK-HT46R46 Datasheet
291Kb / 42P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com