Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ABT245W-QML Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT245W-QML
Description  Octal Bidirectional Transceiver with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT245W-QML Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ABT245W-QML Datasheet HTML 1Page - National Semiconductor (TI) 54ABT245W-QML Datasheet HTML 2Page - National Semiconductor (TI) 54ABT245W-QML Datasheet HTML 3Page - National Semiconductor (TI) 54ABT245W-QML Datasheet HTML 4Page - National Semiconductor (TI) 54ABT245W-QML Datasheet HTML 5Page - National Semiconductor (TI) 54ABT245W-QML Datasheet HTML 6Page - National Semiconductor (TI) 54ABT245W-QML Datasheet HTML 7Page - National Semiconductor (TI) 54ABT245W-QML Datasheet HTML 8Page - National Semiconductor (TI) 54ABT245W-QML Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
54ABT245
Octal Bidirectional Transceiver with TRI-STATE® Outputs
General Description
The ’ABT245 contains eight non-inverting bidirectional buff-
ers with TRI-STATE outputs and is intended for bus-oriented
applications. Current sinking capability is 48 mA on both the
A and B ports. The Transmit/Receive (T/R) input determines
the direction of data flow through the bidirectional trans-
ceiver. Transmit (active HIGH) enables data from A ports to B
ports; Receive (active LOW) enables data from B ports to A
ports. The Output Enable input, when HIGH, disables both A
and B ports by placing them in a High Z condition.
Features
n Bidirectional non-inverting buffers
n A and B output sink capability of 48 mA, source
capability of 24 mA
n Guaranteed output skew
n Guaranteed multiple output switching specifications
n Output switching specified for both 50 pF and 250 pF
loads
n Guaranteed simultaneous switching, noise level and
dynamic threshold performance
n Guaranteed latchup protection
n High impedance glitch-free bus loading during entire
power up and power down cycle
n Non-destructive hot insertion capability
n Disable time is less than enable time to avoid bus
contention
n Standard Microcircuit Drawing (SMD) 5962-9214801
Ordering Code:
Military
Package
Package Description
Number
54ABT245J-QML
J20A
20-Lead Ceramic Dual-In-Line
54ABT245W-QML
W20A
20-Lead Cerpak
54ABT245E-QML
E20A
20-Lead Ceramic Leadless Chip Carrier, Type C
Logic Symbol
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS100204-1
July 1998
© 1998 National Semiconductor Corporation
DS100204
www.national.com


Similar Part No. - 54ABT245W-QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT240 NSC-54ABT240 Datasheet
168Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
54ABT240E-QML NSC-54ABT240E-QML Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT240E-QML NSC-54ABT240E-QML Datasheet
168Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
54ABT240E-QML NSC-54ABT240E-QML Datasheet
184Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
More results

Similar Description - 54ABT245W-QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F2245 NSC-74F2245 Datasheet
112Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54F245DM NSC-54F245DM Datasheet
173Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74FR245 NSC-74FR245 Datasheet
152Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54AC245 NSC-54AC245 Datasheet
153Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
Texas Instruments
54AC245-N TI1-54AC245-N Datasheet
197Kb / 10P
[Old version datasheet]   54AC245 54ACT245 Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
National Semiconductor ...
54F545DM NSC-54F545DM Datasheet
166Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATEE Outputs
54ACQ245 NSC-54ACQ245 Datasheet
153Kb / 8P
   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
Texas Instruments
54ACQ245 TI1-54ACQ245 Datasheet
198Kb / 10P
[Old version datasheet]   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
National Semiconductor ...
54F646 NSC-54F646 Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com