Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETQP3W1R0WFN Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ETQP3W1R0WFN
Description  3 A Synchronous DC-DC Step down Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ETQP3W1R0WFN Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ETQP3W1R0WFN Datasheet HTML 6Page - Panasonic Semiconductor ETQP3W1R0WFN Datasheet HTML 7Page - Panasonic Semiconductor ETQP3W1R0WFN Datasheet HTML 8Page - Panasonic Semiconductor ETQP3W1R0WFN Datasheet HTML 9Page - Panasonic Semiconductor ETQP3W1R0WFN Datasheet HTML 10Page - Panasonic Semiconductor ETQP3W1R0WFN Datasheet HTML 11Page - Panasonic Semiconductor ETQP3W1R0WFN Datasheet HTML 12Page - Panasonic Semiconductor ETQP3W1R0WFN Datasheet HTML 13Page - Panasonic Semiconductor ETQP3W1R0WFN Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
NN30320A
Page 10 of 32
Product Standards
FUNCTIONAL BLOCK DIAGRAM
Note : This block diagram is for explaining functions. Part of the block diagram may be omitted, or it may be simplified.
Control
Logic
Soft-Start
VIN
0.6 V
VREF
HGATE
UVLO
SCP
OCP
TSD
REF
ON
CMP
Toff
Timer + Comp
Ton
Timer + Comp
FCCM
/ Skip
0.6 V + 15 %
0.6 V – 15 %
Aux
Timer
Coast
Fault
VREG : 5.7 V
ON / OFF
Soft-Start
SS
VREG
BGR
VINT
VREF
EN
HPD
HGO
LPD
LGO
LGATE
VREG
VOUT
VFB
FSEL
MODE
AGND
SS
AVIN
PGOOD
BST
LX
PGND
PVIN
22,23,24,26
19
21
1,2,3,
4,5,6,
27
7,8,9
11,20,25
10
16
17
15
13
14
18
12
Doc No. TA4-EA-06187
Revision. 2
Established : 2013-06-20
Revised
: 2015-02-08


Similar Part No. - ETQP3W1R0WFN

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ETQP3W1R0WFN PANASONIC-ETQP3W1R0WFN Datasheet
81Kb / 2P
   Power Choke Coil
More results

Similar Description - ETQP3W1R0WFN

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
STMicroelectronics
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
   3 A DC step-down switching regulator
August 2019
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
   3 A DC step-down switching regulator
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
   3 A DC step-down switching regulator
March 2016 Rev 4
ST1S40IPUR STMICROELECTRONICS-ST1S40IPUR Datasheet
1Mb / 30P
   3 A DC step-down switching regulator
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Analog Devices
ADP2116 AD-ADP2116 Datasheet
2Mb / 36P
   Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
logo
Semtech Corporation
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com