Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NN31001A Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # NN31001A
Description  7 A Synchronous DC-DC Step down Regulator,
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

NN31001A Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button NN31001A Datasheet HTML 6Page - Panasonic Semiconductor NN31001A Datasheet HTML 7Page - Panasonic Semiconductor NN31001A Datasheet HTML 8Page - Panasonic Semiconductor NN31001A Datasheet HTML 9Page - Panasonic Semiconductor NN31001A Datasheet HTML 10Page - Panasonic Semiconductor NN31001A Datasheet HTML 11Page - Panasonic Semiconductor NN31001A Datasheet HTML 12Page - Panasonic Semiconductor NN31001A Datasheet HTML 13Page - Panasonic Semiconductor NN31001A Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
NN31001A
Page 10 of 33
Product Standards
Pin No.
Pin name
Type
Description
4
PGND
Ground
Ground pin for Power MOSFET
* Pin No. 47 : recommended settings – no connection
5
6
7
47
8
PVIN
Power
supply
Power supply pin for Power MOSFET
Recommended rise time ( time to reach 90 % of set value ) setting is
greater than or equal to 10 µs and less than or equal to 1 s.
9
10
11
12
13
14
15
16
17
18
19
LX
Output
Power MOSFET output pin
An inductor is connected and switching operation is carried out
between VIN and GND.
* Pin No. 19 to 25 : recommended settings – no connection
20
21
22
23
24
25
26
LX_S
Output
Power MOSFET output sense pin
* Pin No. 26 to 27 : recommended settings – no connection
27
28
BST
Output
High side Power MOSFET gate driver pin
Bootstrap operation is carried out in order to drive the gate voltage of High
side Power MOSFET.
* Pin No. 28 to 30 : recommended settings – no connection
29
30
31
NC
-
Non Connection pin
32
AGND
Ground
Ground pin
39
45
33
AVIN
Power supply
Power supply pin
Recommended rise time ( time to reach 90 % of set value ) setting is
greater than or equal to 10 µs and less than or equal to 1 s.
34
EN
Input
ON / OFF control pin
DC-DC is stopped at Low level input, and it is started at High level input.
PIN FUNCTIONS (Continued)
Note : Detailed pin descriptions are provided in the OPERATION and APPLICATION INFORMATION section.
Doc No. TA4-EA-06262
Revision. 2
Established : 2014-07-03
Revised
: 2014-07-08


Similar Part No. - NN31001A

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
NN30195A PANASONICBATTERY-NN30195A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30196A PANASONICBATTERY-NN30196A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30295A PANASONICBATTERY-NN30295A Datasheet
1Mb / 27P
   DC-DC Step down Regulator comprising of Controller IC and Power MOSFET with I2C Interface
NN30310AA PANASONICBATTERY-NN30310AA Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
More results

Similar Description - NN31001A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Semtech Corporation
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3290 EUTECH-EUP3290 Datasheet
761Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Fairchild Semiconductor
FAN8060 FAIRCHILD-FAN8060 Datasheet
507Kb / 13P
   1.2MHz, 1A Synchronous Step-Down DC/DC Regulator
logo
Semtech Corporation
SC195 SEMTECH-SC195 Datasheet
338Kb / 18P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195 SEMTECH-SC195_10 Datasheet
497Kb / 20P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com