Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM21BR71A475KA73 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # GRM21BR71A475KA73
Description  10 A Synchronous DC-DC Step down Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

GRM21BR71A475KA73 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button GRM21BR71A475KA73 Datasheet HTML 4Page - Panasonic Semiconductor GRM21BR71A475KA73 Datasheet HTML 5Page - Panasonic Semiconductor GRM21BR71A475KA73 Datasheet HTML 6Page - Panasonic Semiconductor GRM21BR71A475KA73 Datasheet HTML 7Page - Panasonic Semiconductor GRM21BR71A475KA73 Datasheet HTML 8Page - Panasonic Semiconductor GRM21BR71A475KA73 Datasheet HTML 9Page - Panasonic Semiconductor GRM21BR71A475KA73 Datasheet HTML 10Page - Panasonic Semiconductor GRM21BR71A475KA73 Datasheet HTML 11Page - Panasonic Semiconductor GRM21BR71A475KA73 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
NN30332A
Page 8 of 42
Product Standards
PIN CONFIGURATION
Top View
Pin No.
Pin name
Type
Description
1
LX
Output
Power MOSFET output pin
An inductor is connected and switching operation is carried out
between VIN and GND.
Due to high current and large amplitude at this terminal,
the parasitic inductance and impedance of the routing path
can cause an increase in noise and a degradation in the efficiency.
Routing path should be kept as short as possible.
2
3
4
5
6
7
PGND
Ground
Ground pin for Power MOSFET
8
9
10
LP
Input
Low Power Mode / Normal Mode selection pin
Low Power Mode is set at Low level input, Normal Mode is set at High level
input.
11
AGND
Ground
Ground pin
20
12
AVIN
Input
Power supply voltage sense pin
Recommended rise time ( time to reach 90 % of set value ) setting is
greater than or equal to 10 µs and less than or equal to 1 s.
13
FSEL
Input
Frequency selection pin
This is set to 430 kHz at Low level input, 630 kHz at High level input
14
EN
Input
ON / OFF control pin
DC-DC is stopped at Low level input, and it is started at High level input.
15
V5
Power
supply
5 V input pin (Power supply for internal control circuit)
PIN FUNCTIONS
LP
AGND
PGND
AVIN
PGOOD
AGND
BST
PVIN
16
7
10
12
13
18
19
20
24
26
PVIN
25
AGND
27
LX
21
22
23
17 16 15 14
11
8
9
5
4
3
2
Note : Detailed pin descriptions are provided in the OPERATION and APPLICATION INFORMATION section.
Doc No. TA4-EA-06197
Revision. 3
Established : 2013-07-29
Revised
: 2014-02-18


Similar Part No. - GRM21BR71A475KA73

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM21BR71A475KA73 MURATA-GRM21BR71A475KA73 Datasheet
810Kb / 29P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR71A475KA73L MURATA-GRM21BR71A475KA73L Datasheet
85Kb / 7P
   CHIP MONOLITHIC CERAMIC CAPACITOR
More results

Similar Description - GRM21BR71A475KA73

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
Infineon Technologies A...
TLF51801ELV INFINEON-TLF51801ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0.1, 2013-04-15
IFX81481ELV INFINEON-IFX81481ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0, 2013-09-02
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Semtech Corporation
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3290 EUTECH-EUP3290 Datasheet
761Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Fairchild Semiconductor
FAN8060 FAIRCHILD-FAN8060 Datasheet
507Kb / 13P
   1.2MHz, 1A Synchronous Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com