Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z87010 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z87010
Description  Audio Encoder/Decoders
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87010 Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z87010 Datasheet HTML 4Page - Zilog, Inc. Z87010 Datasheet HTML 5Page - Zilog, Inc. Z87010 Datasheet HTML 6Page - Zilog, Inc. Z87010 Datasheet HTML 7Page - Zilog, Inc. Z87010 Datasheet HTML 8Page - Zilog, Inc. Z87010 Datasheet HTML 9Page - Zilog, Inc. Z87010 Datasheet HTML 10Page - Zilog, Inc. Z87010 Datasheet HTML 11Page - Zilog, Inc. Z87010 Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Z87010/Z87L10
Audio Encoder/Decoders
Zilog
2-8
P R E L I M I N A R Y
DS96WRL0601
DC ELECTRICAL CHARACTERISTICS
VDD = 4.5V to 5.5V (Z87010)
VDD = 3.0V to 3.6V (Z87L10)
TA=-20°C to +70°C
Symbol
Parameter
Condition
Min
Max
Units
IDD
Supply Current
VDD=5.5V
fclock=16.384 MHz
40
mA
IDC
DC Power
Consumption
VDD=5.5V
0.2
mA
VIH
Input High Level
2.7
V
VIL
Input Low Level
0.8
V
IL
Input Leakage
10
µA
VOH
Output High Voltage
IOH=-100µAVDD-0.2
V
VOL
Output Low Voltage
IOL=2.0 mA
0.5
V (1)
IFL
Output Floating
Leakage Current
10
µA
Note:
5. The following specifications are pin specific: EA0-2 has IOL = 5 mA @ 0.5V
6. IOH = 1 mA @ 3.3V
TA=-20°C to +70°C
Symbol
Parameter
Condition
Min
Max
Units
IDD
Supply Current
VDD=3.6V
fclock=16.384 MHz
25
mA
IDC
DC Power
Consumption
VDD=3.6V
0.2
mA
VIH
Input High Level
.7VDD
VDD+.3
V
VIL
Input Low Level
Vss-.3
.1VDD
V
IL
Input Leakage
10
µA
VOH
Output High Voltage
IOH=-50µAVDD-0.2
V
VOL
Output Low Voltage
IOL=1.0 mA
0.5
V (1)
IFL
Output Floating
Leakage Current
10
µA
Note:
7. The following specifications are pin specific: EA0-2 has IOL = 5 mA @ 0.5V
8. IOH = 1 mA @ 3.3V


Similar Part No. - Z87010

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
   Spread Spectrum Controllers
Z8700000ZEM ZILOG-Z8700000ZEM Datasheet
20Kb / 3P
   Windows-Based User Interface
Z87001 ZILOG-Z87001 Datasheet
205Kb / 51P
   ROMless Spread Spectrum Cordless Phone Controller
More results

Similar Description - Z87010

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TW2866C RENESAS-TW2866C Datasheet
5Mb / 143P
   4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
February 3, 2012
logo
Intersil Corporation
TW2868 INTERSIL-TW2868 Datasheet
160Kb / 3P
   8-Channel Video Decoders and Audio Codecs and Video Encoder for Security Applications
August 9, 2011
logo
Renesas Technology Corp
TW2866 RENESAS-TW2866 Datasheet
122Kb / 2P
   4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Applications
TW2868 RENESAS-TW2868 Datasheet
5Mb / 199P
   8-Channel Video Decoders and Audio Codecs and Video Encoder for Security Applications
May 22, 2013
TW2865 RENESAS-TW2865 Datasheet
5Mb / 151P
   4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
Aug 1, 2017
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575 Datasheet
117Kb / 12P
   3.3V Dual Transceivers with Integrated Encoder / Decoders
logo
Cirrus Logic
CS4923 CIRRUS-CS4923 Datasheet
678Kb / 56P
   Multi-Channel Digital Audio Decoders
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
   Audio Decoder/ Encoder
logo
Renesas Technology Corp
TW2965 RENESAS-TW2965 Datasheet
3Mb / 130P
   4-CH WD1 (960H)/D1 Compatible Video Decoders and Audio Codecs with Video Encoder
Nov 21, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com