Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86E0612PSC Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z86E0612PSC
Description  CMOS Z8 OTP MICROCONTROLLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E0612PSC Datasheet(HTML) 6 Page - Zilog, Inc.

  Z86E0612PSC Datasheet HTML 1Page - Zilog, Inc. Z86E0612PSC Datasheet HTML 2Page - Zilog, Inc. Z86E0612PSC Datasheet HTML 3Page - Zilog, Inc. Z86E0612PSC Datasheet HTML 4Page - Zilog, Inc. Z86E0612PSC Datasheet HTML 5Page - Zilog, Inc. Z86E0612PSC Datasheet HTML 6Page - Zilog, Inc. Z86E0612PSC Datasheet HTML 7Page - Zilog, Inc. Z86E0612PSC Datasheet HTML 8Page - Zilog, Inc. Z86E0612PSC Datasheet HTML 9Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Z86E03/E06
CP95DZ81301
PRELIMINARY
Notes:
[1] I
CC1
Typ
Max
Unit
Freq
Clock Driven
3.0
5.0
mA
8 MHz
Crystal or Ceramic Resonator
0.3
5.0
mA
8 MHz
[2] V
SS
= 0V = GND
[3] The V
POR increases as the temperature decreases.
[4] All outputs unloaded, I/O pins floating, inputs at rail.
[5] C
L1
= C
L2
= 100 pF
[6] Same as note [4] except inputs at V
CC.
[7] For analog comparator inputs when analog comparators are
enabled.
[8] Excludes clock pins and Port 3 inputs.
[9] Clock must be forced low when XTAL1 is clock driven and XTAL2 is
floating.
[10] Standard mode (not low EMI mode).
[11] Low EMI oscillator enabled.
[12] Z86E03.
[13] Z86E06.
DC ELECTRICAL CHARACTERISTICS (Continued)
T
A= 0°C to 70°C
V
CC
(4.5V to 5.5V)
Typical
Symbol
Parameter
Note [3]
Min
Max
@ 25
°C Units Conditions
Notes
I
CC1
Standby Current
5.0V
5
3.0
mA
HALT Mode V
IN = OV,
[4, 5, 12]
V
CC@ 8 MHz
5.0V
7.0
4.0
mA
HALT Mode V
IN = OV,
[4, 5,13]
V
CC @ 12 MHz
5.0V
3.5
2.0
mA
Clock Divide by 16
[4, 5,13]
@ 8 MHz
5.0V
4.5
2.5
mA
Clock Divide by 16
[4, 5,13]
@ 12 MHz
5.0V
1.0
mA
HALT Mode@12 MHz
[4, 5,11,13]
I
CC2
Standby Current
5.0V
10
1.6
µA
STOP Mode V
IN = OV, VCC
[6, 9]
WDT is not Running
5.0V
50
µA
STOP Mode V
IN = OV, VCC
[6, 9]
WDT is Running
I
ALL
Auto Latch Low
5.0V
30
19
µA
OV < V
IN < VCC
Current
I
ALH
Auto Latch High
5.0V
–20
–11
µA
OV < V
IN < VCC
Current
T
POR
Power On Reset
5.0V
3
13
5
ms
V
POR
V
CC Low Voltage
2.2
2.8
2.5
V
[3]


Similar Part No. - Z86E0612PSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E0616PSG ZILOG-Z86E0616PSG Datasheet
1Mb / 348P
   Z86E3016PSG
More results

Similar Description - Z86E0612PSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E09 ZILOG-Z86E09 Datasheet
305Kb / 38P
   Z8 CMOS OTP Microcontrollers
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
   CMOS Z8 OTP Microcontrollers
Z86E04 ZILOG-Z86E04 Datasheet
214Kb / 44P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0812SEG ZILOG-Z86E0812SEG Datasheet
833Kb / 45P
   CMOS Z8 OTP Microcontrollers
Z86E0812PSG1866 ZILOG-Z86E0812PSG1866 Datasheet
833Kb / 45P
   Z86E04/E08 CMOS Z8 OTP MICROCONTROLLERS
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com