Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86K16 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z86K16
Description  CMOS Z8 8-Bit MCU Keyboard Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86K16 Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z86K16 Datasheet HTML 4Page - Zilog, Inc. Z86K16 Datasheet HTML 5Page - Zilog, Inc. Z86K16 Datasheet HTML 6Page - Zilog, Inc. Z86K16 Datasheet HTML 7Page - Zilog, Inc. Z86K16 Datasheet HTML 8Page - Zilog, Inc. Z86K16 Datasheet HTML 9Page - Zilog, Inc. Z86K16 Datasheet HTML 10Page - Zilog, Inc. Z86K16 Datasheet HTML 11Page - Zilog, Inc. Z86K16 Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Z86K13/K14/K15/K16/K17/K18
CMOS Z8® 8-Bit MCU Keyboard Controllers
Zilog
8
P R E L I M I N A R Y
DS97KEY0204
AC ELECTRICAL CHARACTERISTICS
T
A = 0°C to 70°C
V
CC
5 MHz
No
Symbol
Parameter
Note[4]
Min
Max
Units
Notes
1
TpC
Input Clock Period
5.0V
200
250
ns
1
2
TrC,TfC
Clock Input Rise & Fall Times
5.0V
25
ns
1
3
TwC
Input Clock Width
5.0V
37
ns
1
4
TwTinL
Timer Input Low Width
5.0V
70
ns
1
5
TwTinH
Timer Input High Width
5.0V
2.5TpC
1
6
TpTin
Timer Input Period
5.0V
4TpC
1
7
TrTin,
Timer Input Rise & Fall Timer
5.0V
100
ns
8A
TwIL
Int. Request Low Time
5.0V
70
ns
1,2
8B
TwIL
Int. Request Low Time
5.0V
3TpC
1,3
9
TwIH
Int. Request Input High Time
5.0V
3TpC
1,2
10
Twsm
STOP Mode Recovery Width Spec
5.0V
5TpC
ns
11
Tost
Oscillator Start-up Time
5.0V
5TpC
12
Twdt
Watch-Dog Timer Delay Time
5.0V
53
ms
13
T
POR
Power--On Reset
5.0V
106
130
ms
Notes:
1. Timing Reference uses 0.7 V
CC for a logic 1 and 0.2 VCC for a logic 0.
2. Interrupt request through Port 3 (P31-P33).
3. Interrupt request through Port 3 (P30).
Figure 6. Additional Timing
Clock
1
3
4
8
2
2
3
TIN
IRQN
6
5
7
7
11
Clock
Setup
10
9
Stop
Mode
Recovery
Source


Similar Part No. - Z86K16

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86K1500ZEM ZILOG-Z86K1500ZEM Datasheet
14Kb / 3P
   KEYBOARD FAMILY ICEBOX IN-CIRCUIT EMULATOR
More results

Similar Description - Z86K16

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z08617 ZILOG-Z08617 Datasheet
231Kb / 26P
   NMOS Z8 8-BIT MCU KEYBOARD CONTROLLER
Z8602 ZILOG-Z8602 Datasheet
41Kb / 5P
   KEYBOARD CONTROLLER (KBC?? NMOS Z8 8-BIT MCU
Z8614 ZILOG-Z8614 Datasheet
37Kb / 4P
   KEYBOARD CONTROLLER (KBC?? NMOS Z8 8-BIT MCU
Z8609316PSG ZILOG-Z8609316PSG Datasheet
362Kb / 18P
   ROMLESS CMOS 8-BIT Z8 MCU
Z86C15 ZILOG-Z86C15 Datasheet
74Kb / 10P
   CMOS Z8 8-BIT MCU KEYBOARDCONTROLLER
Z86318 ZILOG-Z86318 Datasheet
265Kb / 26P
   Z8 MCU 8-BIT MICROCONTROLLER
Z86317 ZILOG-Z86317 Datasheet
59Kb / 8P
   CMOS Z8 8-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT82K68E-L HOLTEK-HT82K68E-L_09 Datasheet
240Kb / 38P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L Datasheet
259Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L_11 Datasheet
260Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com