Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENP-2322C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ENP-2322C
Description  FLEX-ATX / TFX12V Compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ENP-2322C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ENP-2322C Datasheet HTML 1Page - List of Unclassifed Manufacturers ENP-2322C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
FLEX-ATX / TFX12V Compliant
Active PFC
Remote on/off
Full Range
Protection
High Output Current for +5Vsb
Short Circuit
Fan Speed Thermal Control
Over Voltage Protection
Over Power Protection
FCC / CE EMC Approved
UL / cUL, CB, TUV Safety Pending
Dimension ( L x W x H ) : 150 x 82 x 43 mm
High efficiency
Output Specification
Electrical Specifications
Voltage
Regulation Minimum Maximum
Peak
Input Voltage
115 -230 VAC Full Range
Load
Load
Load
Frequency
47 ~ 63 Hz
+3.3V
+ /- 5%
0.5A
17A
--
Input Current
4A @ 115VAC
+5V
+ /- 5%
0.3A
13A
--
2A @ 230VAC
+12V
+ /- 5%
1A
16A
17A
Hold up time
16ms@ full load
-12V
+ /- 10%
0A
0.3 / 0.8A
--
High efficiency
70% at Full Load
+5Vsb
+ /- 5%
0A
2A
2.5A
Over Voltage Protection
+5V Output ≦ 7V Max
* Optional -12V Output Maximum Load
+3.3V Output ≦ 4.3V Max
* 3.3V & 5V combine load 80W
+12V Output ≦ 15.6V Max
Short-Circuit Protection
On each channel
Environmental Specification
Apply for
Operating / Storage Temp
0 ~ 40
oC / -20 ~ 60oC
All Intel Processors upto P4
Relative Humidity
5 ~ 95%
All AMD Processors upto Athlon
Operating / Storage Altitude
10,000 / 50,000 FT
MTBF
100,000 HRS
EMC Regulations
FCC, CE
Safety Pending
UL/CUL, CB, TUV,
Last Update : 12/09/2003
SPECIFICATION
ENVIRONMENT
ENP-2322C 220W
FLEX-ATX
HEADQUARTER
ENHANCE ELECTRONICS CO., LTD.
3F-1, NO.137, LANE 235, PAO CHIAO ROAD,
HSIN TIEN, TAIPEI, TAIWAN, R.O.C.
TEL : +886 2 8919 2288 FAX : +886 2 8919 2277
E-MAIL : sales@enhance.com.tw
WWW.ENHANCE.COM.TW
ENHANCETECH CO., LTD.
510 DORIM DOOSAN BEARS TOWER
110-4, KURO5-DONG, KUROKU SEOUL, KOREA
TEL : 02-839-2030 FAX : 02-839-6262
E-MAIL : enhance@enhance.co.kr
WWW.ENHANCE.CO.KR
KOREA OFFICE
USA OFFICE
EUROPEOFFICE
ENHANCEELECTRONICS
ENHANCEEUROPEINTERPACB.V
13100ALONDRABLVD.,UNIT106,
ESSEBAAN40,2908LKCAPELLE
CERRITOS,CA90703
AANDENIJSSEL,THENETHERLANDS
TEL:+15626771268 FAX :+1562677126 9 TEL:+31102840870 FAX :+31102840873
E-MAIL: sales@enhanceusa.com
E-MAIL: kathryn@interpacbv.com
WWW .ENHANCEUSA.COM
WWW .ENHANCE-EUROPE.COM


Similar Part No. - ENP-2322C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ENP-2322B ETC2-ENP-2322B Datasheet
446Kb / 2P
   Over Voltage Protection
More results

Similar Description - ENP-2322C

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP250-20FGGBC SPI-FSP250-20FGGBC Datasheet
37Kb / 1P
   Complied with Flex ATX standard
FSP300-20FGGBC SPI-FSP300-20FGGBC Datasheet
104Kb / 1P
   Complied with Flex ATX standard
FSP400-20FBGB SPI-FSP400-20FBGB Datasheet
42Kb / 1P
   Complied with Flex ATX standard
logo
Advantech Co., Ltd.
96PS-A400WFX-2 ADVANTECH-96PS-A400WFX-2 Datasheet
414Kb / 2P
   400W Flex ATX Power Supply
27-Jun-2017
logo
Sparkle Power Inc.
FSP150-50FGBBB SPI-FSP150-50FGBBB Datasheet
60Kb / 1P
   Complied with Flex ATX standard
FSP400-40FBGB SPI-FSP400-40FBGB Datasheet
90Kb / 1P
   Complied with Flex ATX standard
logo
Lite-On Technology Corp...
PS-5251-05 LITEON-PS-5251-05 Datasheet
333Kb / 3P
   Industrial Computing Flex ATX Series
logo
Sparkle Power Inc.
FSP250-60SNT SPI-FSP250-60SNT Datasheet
142Kb / 1P
   Complied with TFX12V standard
FSP100-50SNT SPI-FSP100-50SNT Datasheet
132Kb / 1P
   Complied with TFX12V standard
SPI250F4BB SPI-SPI250F4BB Datasheet
76Kb / 1P
   250 Watts FLEX ATX Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com