Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86E61 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z86E61
Description  CMOS Z8 16K/32K EPROM MICROCONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E61 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z86E61 Datasheet HTML 1Page - Zilog, Inc. Z86E61 Datasheet HTML 2Page - Zilog, Inc. Z86E61 Datasheet HTML 3Page - Zilog, Inc. Z86E61 Datasheet HTML 4Page - Zilog, Inc. Z86E61 Datasheet HTML 5Page - Zilog, Inc. Z86E61 Datasheet HTML 6Page - Zilog, Inc. Z86E61 Datasheet HTML 7Page - Zilog, Inc. Z86E61 Datasheet HTML 8Page - Zilog, Inc. Z86E61 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
Z86E61/E63 Z8® MCU
WITH
16K/32K EPROM
PRELIMINARY
PIN DESCRIPTION
EPROM Mode
1
2
9
3
4
5
6
7
8
40
39
38
37
36
35
34
33
32
N/C
/OE
A9
/PGM
A14
A13
A12
A11
A10
VCC
XTAL2
N/C
/CE
/RESET
N/C
N/C
31
30
29
28
27
14
10
11
12
13
XTAL1
GND
EPM
A0
A1
A8
VPP
N/C
D7
D6
Z86E61
/E63
DIP
15
26
25
24
23
22
21
20
16
17
18
19
N/C
N/C
A2
A3
A6
A7
A5
A4
D3
D5
D4
D2
D1
D0
Figure 4. 40-Pin DIP Pin Configuration
Table 3. 40-Pin DIP Pin Identification
EPROM Mode
Pin #
Symbol
Function
Direction
1V
CC
Power Supply
Input
2
XTAL2
Crystal, Osc. Clock
Output
3
XTAL1
Crystal, Osc. Clock
Input
4
N/C
Not Connected
Input
5
/CE
Chip Enable
Input
6
/RESET
Reset
Input
7-10
N/C
Not Connected
Input
11
GND
Ground
Input
12
EPM
EPROM Prog Mode
Input
13-20
A7-A0
Address 0,1,2,3,4,5,6,7
Input
21-28
D7-D0
Data 0,1,2,3,4,5,6,7
In/Output
29
N/C
Not Connected
Input
30
V
PP
Prog Voltage
Input
31-37
A14-A8
Address 8,9,10,11,12,13,14
Input
38
/PGM
Prog Mode
Input
39
/OE
Output Enable
Input
40
N/C
Not Connected
Input


Similar Part No. - Z86E61

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E6116PSC ZILOG-Z86E6116PSC Datasheet
2Mb / 69P
   Z86E61/Z86E63 CMOS Z8 16K/32K EPROM Microcontroller
More results

Similar Description - Z86E61

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E6116PSC ZILOG-Z86E6116PSC Datasheet
2Mb / 69P
   Z86E61/Z86E63 CMOS Z8 16K/32K EPROM Microcontroller
Z86C66 ZILOG-Z86C66 Datasheet
279Kb / 10P
   CMOS Z8 16K ROM Microcontroller
Z86C63 ZILOG-Z86C63 Datasheet
143Kb / 17P
   CMOS Z8 32K ROM MICROCONTROLLER
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
   CMOS Z8 Microcontroller
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
   CMOS Z8 MICROCONTROLLER
Z86C47 ZILOG-Z86C47 Datasheet
106Kb / 8P
   CMOS Z8 MICROCONTROLLER
Z86C27 ZILOG-Z86C27 Datasheet
125Kb / 9P
   CMOS Z8 MICROCONTROLLER
Z86C96 ZILOG-Z86C96 Datasheet
124Kb / 11P
   CMOS Z8 MICROCONTROLLER
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
   CMOS Z8 8BIT MICROCONTROLLER
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com