Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z89136 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z89136
Description  Low-Cost DTAD Controller
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89136 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z89136 Datasheet HTML 5Page - Zilog, Inc. Z89136 Datasheet HTML 6Page - Zilog, Inc. Z89136 Datasheet HTML 7Page - Zilog, Inc. Z89136 Datasheet HTML 8Page - Zilog, Inc. Z89136 Datasheet HTML 9Page - Zilog, Inc. Z89136 Datasheet HTML 10Page - Zilog, Inc. Z89136 Datasheet HTML 11Page - Zilog, Inc. Z89136 Datasheet HTML 12Page - Zilog, Inc. Z89136 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
Z89135/136 (ROMless)
Zilog
Low-Cost DTAD Controller
DS97TAD0300
P R E L I M I N A R Y
1-9
1
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to GND.
Positive current flows into the referenced pin (Figure 5).
CAPACITANCE
TA = 25°C, VCC = GND = 0V, f = 1.0 MHz, unmeasured pins returned to GND.
DC ELECTRICAL CHARACTERISTICS
Figure 5. Test Load Diagram
+5V
From Output
Under Test
150 pF
9.1 k
2.1 k
Parameter
Min
Max
Input capacitance
0
12 pF
Output capacitance
0
12 pF
I/O capacitance
0
12 pF
TA = 0°C to +55°C
Typical
Sym
Parameter
VCC
Min
Max
@ 25
°C
Units
ICC
Supply Current
5.0V
65
40
mA
ICC1
HALT Mode Current
5.0V
20
6
mA
ICC2
STOP Mode Current
5.0V
400
300
µA
Note: 5.0V
±0.25V.


Similar Part No. - Z89136

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89138 ZILOG-Z89138 Datasheet
436Kb / 66P
   Voice Processing Controllers
Z89139 ZILOG-Z89139 Datasheet
436Kb / 66P
   Voice Processing Controllers
More results

Similar Description - Z89136

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89165 ZILOG-Z89165 Datasheet
196Kb / 22P
   DTAD CONTROLLERS
logo
List of Unclassifed Man...
TVGA9000 ETC1-TVGA9000 Datasheet
836Kb / 12P
   LOW COST VGA CONTROLLER
TVGA9000C ETC1-TVGA9000C Datasheet
1Mb / 22P
   LOW COST VGA CONTROLLER
logo
Maxim Integrated Produc...
DS3991 MAXIM-DS3991 Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
logo
List of Unclassifed Man...
TVGA9000I ETC1-TVGA9000I Datasheet
1Mb / 23P
   LOW COST VGA CONTROLLER
BIT3251 ETC-BIT3251 Datasheet
154Kb / 7P
   Low Cost PWM Controller
Version: A0 2006/7/7
logo
Maxim Integrated Produc...
MAX8722A MAXIM-MAX8722A Datasheet
383Kb / 20P
   Low-Cost CCFL Backlight Controller
19-3321; Rev 0; 10/05
logo
List of Unclassifed Man...
BI3102 ETC-BI3102 Datasheet
158Kb / 6P
   LOW COST PWM CCFL CONTROLLER
logo
Renesas Technology Corp
TW8819 RENESAS-TW8819 Datasheet
155Kb / 2P
   Ultra Low Cost LCD Controller
logo
ATMEL Corporation
AT43301 ATMEL-AT43301_05 Datasheet
319Kb / 27P
   Low-cost USB Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com