Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08056A101JAT4A Datasheet(PDF) 3 Page - AVX Corporation

Part # 08056A101JAT4A
Description  C0G (NP0) ceramics offer one of the most stable capacitor dielectrics available
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08056A101JAT4A Datasheet(HTML) 3 Page - AVX Corporation

  08056A101JAT4A Datasheet HTML 1Page - AVX Corporation 08056A101JAT4A Datasheet HTML 2Page - AVX Corporation 08056A101JAT4A Datasheet HTML 3Page - AVX Corporation 08056A101JAT4A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6
C0G (NP0) Dielectric
Capacitance Range
Letter
AB
CE
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.22
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.009)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
SIZE
0101*
0201
0402
0603
0805
1206
Soldering
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Packaging
All Paper
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
(L) Length
mm
0.40 ± 0.02
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
(in.)
(0.016 ± 0.0008) (0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(W) Width
mm
0.20 ± 0.02
0.30 ± 0.03
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
(in.)
(0.008 ± 0.0008) (0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(t)
Terminal
mm
0.10 ± 0.04
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
(in.)
(0.004 ± 0.0016) (0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
16
25
50
16
25
50
16
25
50
100
200
16
25
50
100
200
16
25
50
100
200
500
Cap
0.5
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
(pF)
1.0
B
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.2
B
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.5
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.8
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
2.2
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
2.7
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
3.3
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
3.9
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
4.7
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
5.6
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
6.8
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
8.2
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
10
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
12
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
15
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
18
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
22
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
27
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
33
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
39
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
47
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
56
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
68
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
82
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
100
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
120
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
150
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
180
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
220
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
270
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
330
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
390
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
470
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
560
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
680
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
P
820
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
M
1000
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
Q
1200
G
G
G
J
J
J
J
J
J
J
J
Q
1500
G
G
G
J
J
J
J
J
J
J
M
Q
1800
G
G
G
J
J
J
N
J
J
M
M
Q
2200
G
G
G
N
N
N
N
J
J
M
P
Q
2700
G
G
G
N
N
N
N
J
J
M
P
Q
3300
G
G
G
P
P
P
N
J
J
M
P
Q
3900
G
G
G
P
P
P
N
J
J
M
P
4700
G
G
G
P
P
P
N
J
J
M
P
5600
PP
P
J
J
M
P
6800
PP
P
M
M
M
P
8200
PP
P
M
M
M
P
Cap
0.010
PP
P
P
P
P
P
(μF)
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.068
0.082
0.1
WVDC
16
25
50
16
25
50
16
25
50
100
200
16
25
50
100
200
16
25
50
100
200
500
SIZE
0101*
0201
0402
0603
0805
1206
L
W
T
t
PREFERRED SIZES ARE SHADED
*EIA 01005
PAPER and EMBOSSED available for 01005


Similar Part No. - 08056A101JAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08056A101JAT4A AVX-08056A101JAT4A Datasheet
88Kb / 4P
   C0G (NP0) Dielectric General Specifications
08056A101JAT4A AVX-08056A101JAT4A Datasheet
134Kb / 4P
   C0G (NP0) Dielectric
08056A101JAT4A AVX-08056A101JAT4A Datasheet
176Kb / 4P
   General Specifications
08056A101JAT4A AVX-08056A101JAT4A Datasheet
107Kb / 4P
   C0G Dielectric
08056A101JAT4A AVX-08056A101JAT4A Datasheet
624Kb / 4P
   C0G (NP0) Dielectric
More results

Similar Description - 08056A101JAT4A

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT_HC49_US_SMX ACT-ACT_HC49_US_SMX Datasheet
186Kb / 3P
   one of the most cost effective and popular surface mount crystals available
21-06-2012
ACT_HC49_US_SMX_CUSTOM ACT-ACT_HC49_US_SMX_CUSTOM Datasheet
328Kb / 2P
   one of the most cost effective and popular surface mount crystals available.
29/06/11
logo
AVX Corporation
06035A220FAT2A AVX-06035A220FAT2A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic...
08055A680GAT2A AVX-08055A680GAT2A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
06035A471KAT2A AVX-06035A471KAT2A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
04023A470JAT4A AVX-04023A470JAT4A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
06033A8R2CAT2A AVX-06033A8R2CAT2A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
12062A470JAT2A AVX-12062A470JAT2A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
04025A470KAT4A AVX-04025A470KAT4A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
06035A270GAT2A AVX-06035A270GAT2A Datasheet
107Kb / 4P
   C0G (NP0) is the most popular formulation of the ?쐔emperature-compensating,??EIA Class I ceramic materials.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com