Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTSA-C170KEKT Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTSA-C170KEKT
Description  SMD LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTSA-C170KEKT Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTSA-C170KEKT Datasheet HTML 4Page - Lite-On Technology Corporation LTSA-C170KEKT Datasheet HTML 5Page - Lite-On Technology Corporation LTSA-C170KEKT Datasheet HTML 6Page - Lite-On Technology Corporation LTSA-C170KEKT Datasheet HTML 7Page - Lite-On Technology Corporation LTSA-C170KEKT Datasheet HTML 8Page - Lite-On Technology Corporation LTSA-C170KEKT Datasheet HTML 9Page - Lite-On Technology Corporation LTSA-C170KEKT Datasheet HTML 10Page - Lite-On Technology Corporation LTSA-C170KEKT Datasheet HTML 11Page - Lite-On Technology Corporation LTSA-C170KEKT Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
7/11
Part No. : LTSA-C170KEKT
BNS-OD-FC002/A4
SMD LED
LTSA-C170KEKT
6.4 Package Dimensions of Reel
Notes:
i.
Empty component pockets sealed with top cover tape.
ii.
7 inch reel-3000 pieces per reel.
iii.
Minimum packing quantity is 500 pieces for remainders.
iv.
The maximum number of consecutive missing lamps is two.
v.
In accordance with ANSI/EIA 481 specifications.


Similar Part No. - LTSA-C170KEKT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTSA-C170KEKT TO-GRACE-LTSA-C170KEKT Datasheet
1,017Kb / 12P
   SMD LED
More results

Similar Description - LTSA-C170KEKT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com