Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z89168 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z89168
Description  DTAD CONTROLLERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89168 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z89168 Datasheet HTML 5Page - Zilog, Inc. Z89168 Datasheet HTML 6Page - Zilog, Inc. Z89168 Datasheet HTML 7Page - Zilog, Inc. Z89168 Datasheet HTML 8Page - Zilog, Inc. Z89168 Datasheet HTML 9Page - Zilog, Inc. Z89168 Datasheet HTML 10Page - Zilog, Inc. Z89168 Datasheet HTML 11Page - Zilog, Inc. Z89168 Datasheet HTML 12Page - Zilog, Inc. Z89168 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
Z89165/166/167/168/169
DTAD CONTROLLERS
ZILOG
CP96TAD0103
Notes:
*
Voltage on all pins with respect to GND.
See Ordering Information.
Symbol
Description
Min
Max
Units
V
CC
Supply Voltage (*)
–0.3
+7.0
V
T
STG
Storage Temp
–65
°
+150
°
C
T
A
Oper Ambient Temp
C
Power Dissipation
2.2
W
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; operation of the device at
any condition above those indicated in the operational
sections of these specifications is not implied. Exposure to
absolute maximum rating conditions for an extended
period may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to GND.
Positive current flows into the referenced pin (Test Load
Diagram).
+5V
From Output
Under Test
150 pF
9.1 k
2.1 k
Test Load Diagram
CAPACITANCE
T
A = 25°C, VCC = GND = 0V, f = 1.0 MHz, unmeasured pins to GND.
Parameter
Max
Input capacitance
12 pF
Output capacitance
12 pF
I/O capacitance
12 pF
DC ELECTRICAL CHARACTERISTICS
V
CC
T
A = 0°C to +70°C
Typical
Sym
Parameter
Note [1]
Min
Max
@ 25
°C
Units
Notes
I
CC
Supply Current
5.0 V
65
40
mA
I
CC1
Halt Mode Current
5.0 V
20
6
mA
I
CC2
Stop Mode Current
[2]
Notes:
[1] 5.0V
± 0.5V.
[2] The typical Stop Mode Current value is 500
µA. The transient characteristics of the Stop Mode Current will vary according to the application and
should be validated in the specific application by the customer.


Similar Part No. - Z89168

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89135 ZILOG-Z89135 Datasheet
328Kb / 66P
   Low-Cost DTAD Controller
Z89136 ZILOG-Z89136 Datasheet
328Kb / 66P
   Low-Cost DTAD Controller
Z89138 ZILOG-Z89138 Datasheet
436Kb / 66P
   Voice Processing Controllers
Z89139 ZILOG-Z89139 Datasheet
436Kb / 66P
   Voice Processing Controllers
Z89175 ZILOG-Z89175 Datasheet
446Kb / 68P
   Voice Processing Controllers
More results

Similar Description - Z89168

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89135 ZILOG-Z89135 Datasheet
328Kb / 66P
   Low-Cost DTAD Controller
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
logo
Texas Instruments
TMS320F243 TI-TMS320F243 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
logo
Sanyo Semicon Device
LC74401E SANYO-LC74401E Datasheet
391Kb / 19P
   PIP Controllers
logo
Panasonic Semiconductor
MN101C077 PANASONIC-MN101C077 Datasheet
92Kb / 2P
   Microcomputers/Controllers
MN101C273 PANASONIC-MN101C273 Datasheet
65Kb / 2P
   Microcomputers/Controllers
MN101D03A PANASONIC-MN101D03A Datasheet
153Kb / 4P
   Microcomputers/Controllers
MN1020019 PANASONIC-MN1020019 Datasheet
71Kb / 2P
   Microcomputers/Controllers
MN102H460B PANASONIC-MN102H460B Datasheet
157Kb / 4P
   Microcomputers/Controllers
MN1A7T0200 PANASONIC-MN1A7T0200 Datasheet
89Kb / 2P
   Microcomputers/Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com