Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z89168 Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z89168
Description  DTAD CONTROLLERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89168 Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z89168 Datasheet HTML 7Page - Zilog, Inc. Z89168 Datasheet HTML 8Page - Zilog, Inc. Z89168 Datasheet HTML 9Page - Zilog, Inc. Z89168 Datasheet HTML 10Page - Zilog, Inc. Z89168 Datasheet HTML 11Page - Zilog, Inc. Z89168 Datasheet HTML 12Page - Zilog, Inc. Z89168 Datasheet HTML 13Page - Zilog, Inc. Z89168 Datasheet HTML 14Page - Zilog, Inc. Z89168 Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
Z89165/166/167/168/169
DTAD CONTROLLERS
ZILOG
CP96TAD0103
Z891650A ADDITIONAL DC ELECTRICAL CHARACTERISTICS
1. A/D CONVERTER: ABSOLUTE INPUT CURRENT VALUES
Symbol
Parameter
Maximum
Notes
I
il
Anin
40
µA
I
ih
Anin
2
µA
I
input
Vref+
1.1 mA
With Vref– = 0V
Vref+ = 5.5V
80
µA
With Vref– = Vref+ Vref+ = 5.5V
I
input
Vref–
1.1 mA
With Vref+ = 5.5V
Vref– = 0V
80
µA
With Vref+ = Vref+ Vref– = 0V
The following parameters should be verified on the ATE under
these conditions: 5.5V @ 25
°C.
2. OTHER PINS
Pin
Under
Test Value
Additional
Condition
Romless Pin
I
ih(max) =
6
µA
No Reset
I
il (max) =
6
µA
No Reset
I
ih(max) =
1mA
During Reset
XTAL1
I
ih(max) =
30
µA
While XTAL2 = 0V
No Reset
I
il (max) =
30
µA
While XTAL2 = 5.5V
No Reset
XTAL2
I
ih(max) =
10
µA
While XTAL1 = 0V
Stop Mode Invoked
I
il (max) =
10
µA
While XTAL2 = 5V
Stop Mode Invoked
I
ih (max) =
1 mA
While XTAL1 = 0V
No Reset
I
il (max) =
1 mA
While XTAL2 = 5V
No Reset
I
ih(max) =
4 mA
While XTAL1 = 0V
During Reset
I
il (max) =
4 mA
While XTAL2 = 5V
During Reset
I
OL(min) =
2 mA
V
OL = 1V
V
DD = 4.5V Temp = 70°C
I
OH(min) =
-1mA
V
OH = VDD -1V
V
DD = 4.5V Temp = 70°C
I
OL(max) =
7 mA
V
OL = 1V
V
DD = 5.5V Temp = 0°C
I
OH(max) =
6mA
V
OH = VDD -1V
V
DD = 5.5V Temp = 0°C
P31, P32, P33
I
ih(max) =
1
µA
(max) =
1
µA


Similar Part No. - Z89168

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89135 ZILOG-Z89135 Datasheet
328Kb / 66P
   Low-Cost DTAD Controller
Z89136 ZILOG-Z89136 Datasheet
328Kb / 66P
   Low-Cost DTAD Controller
Z89138 ZILOG-Z89138 Datasheet
436Kb / 66P
   Voice Processing Controllers
Z89139 ZILOG-Z89139 Datasheet
436Kb / 66P
   Voice Processing Controllers
Z89175 ZILOG-Z89175 Datasheet
446Kb / 68P
   Voice Processing Controllers
More results

Similar Description - Z89168

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89135 ZILOG-Z89135 Datasheet
328Kb / 66P
   Low-Cost DTAD Controller
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
logo
Texas Instruments
TMS320F243 TI-TMS320F243 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
logo
Sanyo Semicon Device
LC74401E SANYO-LC74401E Datasheet
391Kb / 19P
   PIP Controllers
logo
Panasonic Semiconductor
MN101C077 PANASONIC-MN101C077 Datasheet
92Kb / 2P
   Microcomputers/Controllers
MN101C273 PANASONIC-MN101C273 Datasheet
65Kb / 2P
   Microcomputers/Controllers
MN101D03A PANASONIC-MN101D03A Datasheet
153Kb / 4P
   Microcomputers/Controllers
MN1020019 PANASONIC-MN1020019 Datasheet
71Kb / 2P
   Microcomputers/Controllers
MN102H460B PANASONIC-MN102H460B Datasheet
157Kb / 4P
   Microcomputers/Controllers
MN1A7T0200 PANASONIC-MN1A7T0200 Datasheet
89Kb / 2P
   Microcomputers/Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com