Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM155R71C103KA01D Datasheet(PDF) 3 Page - Integrated Device Technology

Part # GRM155R71C103KA01D
Description  RF to IF Dual Downconverting Mixer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM155R71C103KA01D Datasheet(HTML) 3 Page - Integrated Device Technology

  GRM155R71C103KA01D Datasheet HTML 1Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 2Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 3Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 4Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 5Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 6Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 7Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 8Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
RF to IF Dual Downconverting Mixer
1700 - 2200 MHz F1150NBGI
IDT Zero-Distortion
TM Mixer
3
Rev2, July 2012
DATASHEET
IDTF1150 SPECIFICATION (1700 – 2200 MHZ MIXER W/HIGH SIDE INJECTION)
Specifications apply at VCC = +5.0V, FRF = 1850 MHz, FIF = 350MHz, PLO = 0 dBm, TC = +25°C, STBY = GND, LCMODE = VIH (STD Mode),
EVKit BOM = Standard Mode, Transformer Loss included (not de-embedded) unless otherwise noted.
Parameter
Comment
Symbol
min
typ
max
units
Logic Input High
For Standby, LCMODE
Pins
VIH
2
V
Logic Input Low
For Standby, LCMODE
Pins
VIL
0.8
V
Logic Current
For Standby, LCMODE
Pins
IIH, IIL
-30
+30
µA
Supply Voltage(s)
All VCC pins
VCC
4.75 to
5.25
V
Operating
Temperature Range
Case Temperature
TCASE
-40 to
+100
degC
Supply Current
Total VCC , STD Mode
Total Both Channels
ISTD
334
375
mA
Supply Current
Total VCC , LC Mode
LCMODE = GND
EVkit BOM = LC Mode
Total Both Channels
ILC
235
260
mA
Supply Current
Standby Mode
STBY = VIH
Total Both Channels
ISTBY
23
30
mA
RF Freq Range
Operating Range
FRF
1700 to
2200
MHz
IF Freq Range
Operating Range
FIF
50 to 450
MHz
LO Freq Range
High Side Injection
FLO
1750 to
2650
MHz
LO Power
PLO
-3 to +6
dBm
RF Input Impedance
Single Ended
Return Loss ~17 dB
ZRF
50
IF Output Impedance
Differential
Return Loss ~ 13 dB
ZIF
200
LO port Impedance
Single Ended
Return Loss ~15 dB
ZLO
50
Settling Time
• Pin = -13 dBm
• Gate STBY from V
IH to VIL
• Time for IF Signal to settle to
within 0.1 dB of final value
TSETT
0.155
µsec
Gain STD Mode
Conversion Gain
• F
RF = 1710 MHz
• LC
MODE = VIH
• EVkit BOM = STD Mode
• F
IF = 350 MHz
GSTD
7.0
8.1
8.6
dB
Gain LC Mode
Conversion Gain
• F
RF = 2050 MHz
• LC
MODE = GND
• EVkit BOM = LC Mode
• F
IF = 200 MHz
GLC
7.2
8.2
8.8
dB
NF STD Mode
Noise Figure
NFSTD
10
dB


Similar Part No. - GRM155R71C103KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155R71C103KA01D MURATA-GRM155R71C103KA01D Datasheet
92Kb / 2P
   Capacitor data sheet
logo
Integrated Device Techn...
GRM155R71C103KA01D IDT-GRM155R71C103KA01D Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
logo
Renesas Technology Corp
GRM155R71C103KA01D RENESAS-GRM155R71C103KA01D Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
RevO December 2013
logo
Integrated Device Techn...
GRM155R71C103KA01D IDT-GRM155R71C103KA01D Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
GRM155R71C103KA01D IDT-GRM155R71C103KA01D Datasheet
1Mb / 17P
   6-bit Digital Step Attenuator
More results

Similar Description - GRM155R71C103KA01D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
   RF Dual Wideband Gain-Settable Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com