Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1555C1H390JZ010 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # GRM1555C1H390JZ010
Description  RF to IF Dual Downconverting Mixer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM1555C1H390JZ010 Datasheet(HTML) 5 Page - Integrated Device Technology

  GRM1555C1H390JZ010 Datasheet HTML 1Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 2Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 3Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 4Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 5Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 6Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 7Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 8Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
RF to IF Dual Downconverting Mixer
2300 - 2700 MHz F1162NBGI
IDT Zero-Distortion
TM Mixer
5
Rev1, July 2012
DATASHEET
TYPICAL OPERATING CONDTIONS
Unless otherwise Noted, the following Apply to the Typ Ops Graphs
800 KHz Tone Spacing
Low Side injection graphs with 200MHz & 400MHz IF (pages 6 – 14)
High Side injection graphs with 200MHz & 154MHz IF (pages 15 – 17)
Average of Channel A & Channel B
Pin = – 10 dBm per Tone
LO port = Pin 19 (Main Port)
Listed Temperatures are Case Temperature (TC = Case Temperature)
Where noted, TA or TAMB = Ambient Temperature


Similar Part No. - GRM1555C1H390JZ010

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 25P
   DPD Demodulator for PA Linearization
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
More results

Similar Description - GRM1555C1H390JZ010

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
   RF Dual Wideband Gain-Settable Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com