Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM155R71C104K Datasheet(PDF) 7 Page - Integrated Device Technology

Part # GRM155R71C104K
Description  TX Differential Input RF Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM155R71C104K Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button GRM155R71C104K Datasheet HTML 3Page - Integrated Device Technology GRM155R71C104K Datasheet HTML 4Page - Integrated Device Technology GRM155R71C104K Datasheet HTML 5Page - Integrated Device Technology GRM155R71C104K Datasheet HTML 6Page - Integrated Device Technology GRM155R71C104K Datasheet HTML 7Page - Integrated Device Technology GRM155R71C104K Datasheet HTML 8Page - Integrated Device Technology GRM155R71C104K Datasheet HTML 9Page - Integrated Device Technology GRM155R71C104K Datasheet HTML 10Page - Integrated Device Technology GRM155R71C104K Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
F1423
Rev O 11/6/2015
7
Zero-Distortion
TM, TX Amplifier
Table1: STBY Truth Table
Parameter
Level
Function
STBY
Logic Low or Open Circuit
Powered On
Logic High
Powered Off
Table2: Component Settings for Optimized Linearity Performance per RF band
Band
Frequency Range
(MHz)
Band_Sel
(Pin 11)
Pin 14 to GND
(kΩ)
Pin 15 to GND
(kΩ)
C1
(pF)
ICC
(mA)
Low - Band
600 - 1100
Open
2.1
9.1
9
104
Mid - Band
1400 - 2100
GND
2.4
60.4
9
120
High - Band
2100 - 3000
GND
2.4
60.4
6
120
Broad - Band
700 - 3000
GND
2.4
60.4
9
120
TYPICAL OPERATING CONDITIONS (TOC)
Unless otherwise noted for the TOC graphs on the following pages, the following conditions apply.
Vcc= 5.0 V
Tcase = 25 °C (All temperatures are referenced to the exposed paddle).
ZS = 50 Ohms Differential
ZL = 50 Ohms Single Ended
Board configured as defined in Table 2 for each band.
Pout = 4 dBm / Tone
5 MHz Tone Spacing
EVKIT traces, connectors, and transformer losses are de-embedded.
S-parameters (S11, S21, S12, and S22) measured using a de-embedded Differential Board EVKit
and the inputs are mathematically combined using an ideal 1:1 (50
: 50
) transformer to
produce the 2 port S-parameters.
Amplitude and phase imbalances measures RFIN+ to RFOUT and compares to RFIN- to RFOUT.
Phase imbalance is the deviation from an ideal 180 degrees.
OIP3, Output P1dB and Noise Figure measured using a Transformer Board EVKit.
Note: The use of the external transformer T1 is included for simple 2 port evaluation purposes.
At some frequencies the external transformer interacts with the on-chip balun affecting the gain and noise
figure flatness responses. These interactions have been removed from the noise figure TOCs.


Similar Part No. - GRM155R71C104K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155R71C104K MURATA-GRM155R71C104K Datasheet
55Kb / 1P
   Chip Monolithic Ceramic Capacitor 0402 X7R 0.1關F 16V
logo
Integrated Device Techn...
GRM155R71C104K IDT-GRM155R71C104K Datasheet
1Mb / 20P
   ZIF/CIF Modulator
logo
Renesas Technology Corp
GRM155R71C104K RENESAS-GRM155R71C104K Datasheet
2Mb / 17P
   RF Amplifier 1.7GHz to 2.2GHz
GRM155R71C104K RENESAS-GRM155R71C104K Datasheet
4Mb / 30P
   75廓 Voltage Variable Attenuator 5MHz to 3000MHz
GRM155R71C104K RENESAS-GRM155R71C104K Datasheet
1Mb / 19P
   75廓 SPST RF Switch 1MHz to 3500MHz
More results

Similar Description - GRM155R71C104K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1423 RENESAS-F1423 Datasheet
4Mb / 27P
   TX Differential Input RF Amplifier 600 MHz to 3000 MHz
logo
ON Semiconductor
MC4741C ONSEMI-MC4741C Datasheet
138Kb / 6P
   DIFFERENTIAL INPUT OPERATIONAL AMPLIFIER
REV 5
logo
Frequency Devices, Inc.
D86-60-D FREQUENCYDEVICES-D86-60-D Datasheet
193Kb / 2P
   Differential Input Buffer Amplifier
logo
Fairchild Semiconductor
KH600 FAIRCHILD-KH600 Datasheet
319Kb / 12P
   1GHz, Differential Input/Output Amplifier
logo
First Components Intern...
LM324 FCI-LM324 Datasheet
53Kb / 2P
   Quad Differential Input Operational Amplifier
logo
Cadeka Microcircuits LL...
KH600 CADEKA-KH600 Datasheet
355Kb / 13P
   1GHz, Differential Input/Output Amplifier
logo
M.S. Kennedy Corporatio...
MSK801 MSK-MSK801 Datasheet
234Kb / 6P
   FET INPUT DIFFERENTIAL OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8351ARMZ-REEL7 AD-AD8351ARMZ-REEL7 Datasheet
405Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com