Electronic Components Datasheet Search |
|
GRM188R60J106M Datasheet(PDF) 5 Page - Integrated Device Technology |
|
GRM188R60J106M Datasheet(HTML) 5 Page - Integrated Device Technology |
5 / 26 page F1423 Rev O 11/6/2015 5 Zero-Distortion TM, TX Amplifier F1423 SPECIFICATION – LOW-BAND See F1423 Typical Application Circuit. Unless otherwise stated, specifications apply when operated as a TX RF Amplifier, VCC = +5.0 V, TC = +25 °C, FRF = 700 MHz, Pout = +7 dBm, R8 =2.1 kΩ, R9 =9.1 kΩ, C1 = 9 pF, Rsource = 50 Ω differential, Rload = 50 Ω single-ended, Band_Sel = open, EVKit trace connector and transformer losses are de-embedded. Parameter Symbol Condition Min Typ Max Units RF Input Return Loss RFINRL_LB 17 dB RF Output Return Loss RFOUTRL_LB 12.8 dB Common Mode Rejection CMRRLB 700 MHz to 1100 MHz 20.7 dB Gain GLB 12.0 1 12.6 13.2 dB Gain Flatness GFLAT_LB Any 400 MHz BW from 700 MHz to 1100 MHz 0.4 dB Gain Ripple GRIPPLE_LB In any 20 MHz range over RF Band ±0.04 dB Noise Figure 3 NFLB 4.5 dB Tcase = +105 °C 5.4 Output Third Order Intercept Point 3 OIP3LB Pout = +4 dBm/tone 5 MHz tone separation 39 2 42.5 dBm Output 1dB Compression 3 OP1dBLB 20 21.1 dBm F1423 SPECIFICATION – MID-BAND See F1423 Typical Application Circuit Unless otherwise stated, specifications apply when operated as a TX RF Amplifier, VCC = +5.0 V, TC = +25 °C, FRF = 2000 MHz, Pout = +7 dBm, R8 =2.4 kΩ, R9 =60.4 kΩ, C1 = 9 pF, Rsource = 50 Ω differential, Rload = 50 Ω single-ended, Band_Sel = GND, EVKit trace connector and transformer losses are de-embedded. Parameter Symbol Condition Min Typ Max Units RF Input Return loss RFINRL_MB 15 dB RF Output Return Loss RFOUTRL_MB 16.5 dB Common Mode Rejection CMRRMB 1400 MHz to 2100 MHz 19.0 dB Gain GMB 12.5 1 13.1 13.7 dB Gain Flatness GFLAT_MB Any 400MHz BW from 1400 MHz to 2100 MHz 0.17 dB Gain Ripple GRIPPLE_MB In any 20 MHz range over RF Band ±0.01 dB Noise Figure 3 NFMB 5.1 dB Tcase = +105 °C 5.8 Output Third Order Intercept Point 3 OIP3MB Pout = +4 dBm/tone 5MHz tone separation 38.8 2 41.8 dBm Output 1dB Compression 3 OP1dBMB 20.3 21.5 dBm Note 1: Items in min/max columns in bold italics are Guaranteed by Test. Note 2: Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization. Note 3: Measured using external 1:1 transformer at the RF input. |
Similar Part No. - GRM188R60J106M |
|
Similar Description - GRM188R60J106M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |