Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R60J106M Datasheet(PDF) 6 Page - Integrated Device Technology

Part # GRM188R60J106M
Description  TX Differential Input RF Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM188R60J106M Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button GRM188R60J106M Datasheet HTML 2Page - Integrated Device Technology GRM188R60J106M Datasheet HTML 3Page - Integrated Device Technology GRM188R60J106M Datasheet HTML 4Page - Integrated Device Technology GRM188R60J106M Datasheet HTML 5Page - Integrated Device Technology GRM188R60J106M Datasheet HTML 6Page - Integrated Device Technology GRM188R60J106M Datasheet HTML 7Page - Integrated Device Technology GRM188R60J106M Datasheet HTML 8Page - Integrated Device Technology GRM188R60J106M Datasheet HTML 9Page - Integrated Device Technology GRM188R60J106M Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
F1423
Zero-Distortion
TM, TX Amplifier
6
Rev O 11/6/2015
F1423 Specification – High-Band
See F1423 Typical Application Circuit. Unless otherwise stated, specifications apply when operated as a TX RF
Amplifier, VCC = +5.0 V, TC = +25 °C, FRF = 2700 MHz, Pout = +7 dBm, R8 =2.4 kΩ, R9 =60.4 kΩ, C1 = 6 pF,
Rsource = 50 Ω differential, Rload = 50 Ω single-ended, Band_Sel = GND, EVKit trace connector and transformer
losses are de-embedded.
Parameter
Symbol
Condition
Min
Typ
Max
Units
RF Input Return loss
RFINRL_HB
15.5
dB
RF Output Return Loss
RFOUTRL_HB
20
dB
Common Mode Rejection
CMRRHB
2100 MHz to 3000 MHz
18.5
dB
Gain
GHB
12.4
1
13.1
13.9
dB
Gain Flatness
GFLAT_HB
Any 400 MHz BW from
2100 MHz to 3000 MHz
0.23
dB
Gain Ripple
GRIPPLE_HB
In any 20 MHz range over
RF Band
±0.015
dB
Noise Figure
3
NFHB
6.0
dB
Tcase = +105 °C
6.6
Output Third Order
Intercept Point
3
OIP3HB
Pout = +4 dBm/tone
5MHz tone separation
37.3
dBm
Output 1dB Compression
3
OP1dBHB
20.0
2
20.6
dBm
F1423 Specification – Broad-Band
See F1423 Typical Application Circuit. Unless otherwise stated, specifications apply when operated as a TX RF
Amplifier, VCC = +5.0 V, TC = +25 °C, FRF = 2200 MHz, Pout = +7 dBm, R8 =2.4 kΩ, R9 =60.4 kΩ, C1 = 9 pF,
Rsource = 50 Ω differential, Rload = 50 Ω single-ended, Band_Sel = GND, EVKIT trace connector and transformer
losses are de-embedded.
Parameter
Symbol
Condition
Min
Typ
Max
Units
RF Input Return loss
RFINRL_BB
15.0
dB
RF Output Return Loss
RFOUTRL_BB
18.5
dB
Common Mode Rejection
CMRRBB
700 MHz to 3000 MHz
18.5
dB
Gain
GBB
12.6
1
13.2
13.8
dB
Gain Flatness
GFLAT_BB
Any 400 MHz BW from
700 MHz to 3000 MHz
0.4
dB
Gain Ripple
GRIPPLE_BB
In any 20 MHz range over
400 MHz BW
±0.04
dB
Gain Slope
GSLOPE_BB
±0.002
dB/MHz
Noise Figure
3
NFBB
5.2
dB
Tcase = +105 °C
5.8
Output Third Order
Intercept Point
3
OIP3BB
Pout = +4 dBm/tone
5 MHz tone separation
41.4
dBm
Output 1dB Compression
3
OP1dBBB
20.5
2
21.4
dBm
Note 1: Items in min/max columns in
bold italics are Guaranteed by Test.
Note 2: Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
Note 3: Measured using external 1:1 transformer at the RF input.


Similar Part No. - GRM188R60J106M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM188R60J106M MURATA-GRM188R60J106M Datasheet
64Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 10關F 6.3V
logo
Texas Instruments
GRM188R60J106M TI-GRM188R60J106M Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
More results

Similar Description - GRM188R60J106M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1423 RENESAS-F1423 Datasheet
4Mb / 27P
   TX Differential Input RF Amplifier 600 MHz to 3000 MHz
logo
ON Semiconductor
MC4741C ONSEMI-MC4741C Datasheet
138Kb / 6P
   DIFFERENTIAL INPUT OPERATIONAL AMPLIFIER
REV 5
logo
Frequency Devices, Inc.
D86-60-D FREQUENCYDEVICES-D86-60-D Datasheet
193Kb / 2P
   Differential Input Buffer Amplifier
logo
Fairchild Semiconductor
KH600 FAIRCHILD-KH600 Datasheet
319Kb / 12P
   1GHz, Differential Input/Output Amplifier
logo
First Components Intern...
LM324 FCI-LM324 Datasheet
53Kb / 2P
   Quad Differential Input Operational Amplifier
logo
Cadeka Microcircuits LL...
KH600 CADEKA-KH600 Datasheet
355Kb / 13P
   1GHz, Differential Input/Output Amplifier
logo
M.S. Kennedy Corporatio...
MSK801 MSK-MSK801 Datasheet
234Kb / 6P
   FET INPUT DIFFERENTIAL OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8351ARMZ-REEL7 AD-AD8351ARMZ-REEL7 Datasheet
405Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com