Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT8N0Q001 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT8N0Q001
Description  Quad-Frequency Programmable XO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8N0Q001 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT8N0Q001 Datasheet HTML 1Page - Integrated Device Technology IDT8N0Q001 Datasheet HTML 2Page - Integrated Device Technology IDT8N0Q001 Datasheet HTML 3Page - Integrated Device Technology IDT8N0Q001 Datasheet HTML 4Page - Integrated Device Technology IDT8N0Q001 Datasheet HTML 5Page - Integrated Device Technology IDT8N0Q001 Datasheet HTML 6Page - Integrated Device Technology IDT8N0Q001 Datasheet HTML 7Page - Integrated Device Technology IDT8N0Q001 Datasheet HTML 8Page - Integrated Device Technology IDT8N0Q001 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DATASHEET
Quad-Frequency Programmable XO
IDT8N0Q001 REV H
IDT8N0Q001HCD REVISION A APRIL 4, 2014
1
©2014 Integrated Device Technology, Inc.
General Description
The IDT8N0Q001 is a Quad-Frequency Programmable Clock
Oscillator with very flexible frequency programming capabilities. The
device uses IDT’s fourth generation FemtoClock® NG technology for
an optimum of high clock frequency and low phase noise
performance. The device accepts 2.5V or 3.3V supply and is
packaged in a small, lead-free (RoHS 6) 10-lead ceramic 5mm x
7mm x 1.55mm package.
Besides the 4 default power-up frequencies set by the FSEL0 and
FSEL1 pins, the IDT8N0Q001 can be programmed via the I2C
interface to output clock frequencies between 15.476 to 260MHz to a
very high degree of precision with a frequency step size of
435.9Hz ÷ N (N: PLL post divider). Since the FSEL0 and FSEL1 pins
are mapped to 4 independent PLL M and N divider registers (P, MINT,
MFRAC and N), reprogramming those registers to other frequencies
under control of FSEL0 and FSEL1 is supported. The extended
temperature range supports wireless infrastructure,
telecommunication and networking end equipment requirements.
Features
Fourth generation FemtoClock® NG technology
Programmable clock output frequency from
15.476MHz to 260MHz
Four power-up default frequencies (see part number order codes),
re-programmable by I2C
I2C programming interface for the output clock frequency and
internal PLL control registers
Frequency programming resolution is 435.9Hz ÷ N
One 2.5V, 3.3V LVCMOS clock output
Two control inputs for the power-up default frequency
LVCMOS/LVTTL compatible control inputs
RMS phase jitter @ 156.25MHz (12kHz - 20MHz):
0.250ps (typical)
RMS phase jitter @ 156.25MHz (1kHz - 40MHz):
0.290ps (typical)
2.5V or 3.3V supply
-40°C to 85°C ambient operating temperature
Available in Lead-free (RoHS 6) package
Block Diagram
Pin Assignment
OSC
fXTAL
÷MINT, MFRAC
PFD
&
LPF
FemtoClock® NG
VCO
1950-2600MHz
÷N
25
7
SCLK
SDATA
OE
÷P
2
Q
I2C Control
Configuration Register (ROM)
(Frequency, APR, Polarity)
Pulldown
Pulldown
Pullup
Pullup
Pullup
FSEL1
FSEL0
1
3
4
8
6
5
10
9
DNU
GND
VDD
Q
IDT8N0Q001 Rev H
10-lead ceramic 5mm x 7mm x 1.55mm
package body
CD Package
Top View


Similar Part No. - IDT8N0Q001

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8N0Q001 RENESAS-IDT8N0Q001 Datasheet
815Kb / 18P
   Quad-Frequency Programmable XO
APRIL 4, 2014
IDT8N0Q001REVH RENESAS-IDT8N0Q001REVH Datasheet
815Kb / 18P
   Quad-Frequency Programmable XO
APRIL 4, 2014
More results

Similar Description - IDT8N0Q001

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8N3Q001 IDT-IDT8N3Q001 Datasheet
216Kb / 21P
   Quad-Frequency Programmable XO
IDT8N4Q001 IDT-IDT8N4Q001 Datasheet
200Kb / 20P
   Quad-Frequency Programmable XO
logo
Renesas Technology Corp
IDT8N0Q001 RENESAS-IDT8N0Q001 Datasheet
815Kb / 18P
   Quad-Frequency Programmable XO
APRIL 4, 2014
IDT8N3Q001 RENESAS-IDT8N3Q001 Datasheet
455Kb / 22P
   Quad-Frequency Programmable XO
MARCH 6, 2012
IDT8N4Q001 RENESAS-IDT8N4Q001 Datasheet
483Kb / 21P
   Quad-Frequency Programmable XO
MARCH 6, 2012
logo
Silicon Laboratories
SI514 SILABS-SI514 Datasheet
1Mb / 36P
   ANY-FREQUENCY IC PROGRAMMABLE XO
logo
Cypress Semiconductor
CY25702 CYPRESS-CY25702 Datasheet
124Kb / 7P
   Programmable High-Frequency Crystal Oscillator (XO)
CY25702 CYPRESS-CY25702_06 Datasheet
214Kb / 6P
   Programmable High-Frequency Crystal Oscillator (XO)
logo
Oscilent Corporation
360 OSCILENT-360 Datasheet
145Kb / 3P
   Programmable XO
350 OSCILENT-350 Datasheet
143Kb / 3P
   Programmable XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com