Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1555C1H102J Datasheet(PDF) 11 Page - Integrated Device Technology

Part # GRM1555C1H102J
Description  Constant Impedance Kz SP2T RF Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM1555C1H102J Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button GRM1555C1H102J Datasheet HTML 7Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 8Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 9Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 10Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 11Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 12Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 13Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 14Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
F2923
Rev O 11/9/2015
11
Constant Impedance Absorptive SP2T RF Switch
TYPICAL OPERATING CONDITIONS (- 5 -)
Input IP3 [2 GHz]
Input IP3 [3 GHz]
40
45
50
55
60
65
70
75
80
3.1
3.2
3.3
3.4
3.5
s s
-55C / RF1
25C / RF1
105C / RF1
-55C / RF2
25C / RF2
105C / RF2
40
45
50
55
60
65
70
75
80
3.1
3.2
3.3
3.4
3.5
s s
-55C / RF1
25C / RF1
105C / RF1
-55C / RF2
25C / RF2
105C / RF2


Similar Part No. - GRM1555C1H102J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM1555C1H102J MURATA-GRM1555C1H102J Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 0402 C0G 1000pF 50V
logo
Integrated Device Techn...
GRM1555C1H102J IDT-GRM1555C1H102J Datasheet
2Mb / 26P
   TX Differential Input RF Amplifier
GRM1555C1H102J IDT-GRM1555C1H102J Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
GRM1555C1H102J IDT-GRM1555C1H102J Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
logo
Renesas Technology Corp
GRM1555C1H102J RENESAS-GRM1555C1H102J Datasheet
2Mb / 17P
   RF Amplifier 1.7GHz to 2.2GHz
More results

Similar Description - GRM1555C1H102J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2923 RENESAS-F2923 Datasheet
3Mb / 22P
   Constant Impedance K|Z| SP2T RF Switch 300 kHz to 8000 MHz
logo
Integrated Device Techn...
F2910 IDT-F2910 Datasheet
2Mb / 19P
   Constant Impedance SPST RF Switch
logo
Mini-Circuits
HSWA2-63DR MINI-HSWA2-63DR Datasheet
312Kb / 5P
   SP2T RF Switch
logo
Renesas Technology Corp
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
   High Reliability SP2T RF Switch
Sep 20, 2021
logo
Integrated Device Techn...
F2932 IDT-F2932 Datasheet
2Mb / 20P
   High Reliability SP2T RF Switch
F2933 IDT-F2933 Datasheet
2Mb / 19P
   High Reliability SP2T RF Switch
F2912 IDT-F2912 Datasheet
2Mb / 23P
   High Reliability SP2T RF Switch
logo
Renesas Technology Corp
F2910 RENESAS-F2910_V01 Datasheet
1Mb / 19P
   Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz
August 31, 2020
logo
DAICO Industries, Inc.
DSW22201 DAICO-DSW22201 Datasheet
163Kb / 1P
   Switch SP2T
DSW25112 DAICO-DSW25112 Datasheet
133Kb / 1P
   SP2T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com