Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0805CS-271XJLB Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 0805CS-271XJLB
Description  RF to IF Dual Downconverting Mixer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

0805CS-271XJLB Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 0805CS-271XJLB Datasheet HTML 5Page - Integrated Device Technology 0805CS-271XJLB Datasheet HTML 6Page - Integrated Device Technology 0805CS-271XJLB Datasheet HTML 7Page - Integrated Device Technology 0805CS-271XJLB Datasheet HTML 8Page - Integrated Device Technology 0805CS-271XJLB Datasheet HTML 9Page - Integrated Device Technology 0805CS-271XJLB Datasheet HTML 10Page - Integrated Device Technology 0805CS-271XJLB Datasheet HTML 11Page - Integrated Device Technology 0805CS-271XJLB Datasheet HTML 12Page - Integrated Device Technology 0805CS-271XJLB Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
RF to IF Dual Downconverting Mixer
1700 - 2200 MHz F1150NBGI
IDT Zero-Distortion
TM Mixer
9
Rev2, July 2012
DATASHEET
TYPICAL OPERATING CONDITIONS STD MODE (4) – SEE TRACE DECODER ON PAGE 5
RF-IF Leakage vs. Temperature
RF-IF Leakage vs. LO Level
3RF X 3LO Rejection vs. VCC
RF-IF Leakage vs. VCC
3RF X 3LO Rejection vs. Temperature
3RF X 3LO Rejection vs. LO Level
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Freq (Hz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Freq (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Freq (Hz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Freq (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Freq (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Freq (Hz)


Similar Part No. - 0805CS-271XJLB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
0805CS-271XJLB IDT-0805CS-271XJLB Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
0805CS-271XJLB IDT-0805CS-271XJLB Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
0805CS-271XJLB IDT-0805CS-271XJLB Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
More results

Similar Description - 0805CS-271XJLB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
   RF Dual Wideband Gain-Settable Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com