Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1555C1H101J Datasheet(PDF) 6 Page - Integrated Device Technology

Part # GRM1555C1H101J
Description  Constant Impedance Kz SP2T RF Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM1555C1H101J Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button GRM1555C1H101J Datasheet HTML 2Page - Integrated Device Technology GRM1555C1H101J Datasheet HTML 3Page - Integrated Device Technology GRM1555C1H101J Datasheet HTML 4Page - Integrated Device Technology GRM1555C1H101J Datasheet HTML 5Page - Integrated Device Technology GRM1555C1H101J Datasheet HTML 6Page - Integrated Device Technology GRM1555C1H101J Datasheet HTML 7Page - Integrated Device Technology GRM1555C1H101J Datasheet HTML 8Page - Integrated Device Technology GRM1555C1H101J Datasheet HTML 9Page - Integrated Device Technology GRM1555C1H101J Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
F2923
Constant Impedance Absorptive SP2T RF Switch
6
Rev O 11/9/2015
Table 1 includes 3 states and provides the truth table for 2-pin control input.
Table 1 - Switch Control Truth Table for 3 states using 2 control pins; pin 16 and pin 17
^

Z&
Z&
d>
W
d>
W
Z&
Z& 
Z&
Z& 
>
>
K&&
K&&
>
,
K&&
KE
,
>
KE
K&&
,
,
E
E
Table 2 includes 2 states and provides the truth table for 1-pin control input.
Table 2 - Switch Control Truth Table for 2 states using a single control pin 16
^

Z&
Z&
d>
W
d>
W
Z&
Z& 
Z&
Z& 
,
K&&
KE
>
KE
K&&
Table 3 provides the truth table for selecting the use of either 1 or 2 control pins.
Table 3 - Mode Control (pin 19) Truth table to use either 1 or 2 control pins
W

D
D
d> W
d>
d>
'E
d>
s
Notes:
1.
When RF1 and RF2 ports are both open (State 1), all 3 RF ports are terminated to an internal 50 Ω termination
resistor.
2.
When RF1 or RF2 port is open (State 2 or State 3 OFF condition), the open port is connected to an internal
50Ω termination resistor.
3.
When RF1 or RF2 port is closed (State 2 or State 3 ON condition), the closed port is connected to the
RF_COM port.
TYPICAL OPERATING CURVE CONDITIONS
Unless otherwise noted, the following conditions apply:
EVKit loss de-embedded for only insertion loss plots.
Vcc = 3.3 V
FRF = 2 GHz
TAMB = 25
OC
Small signal parameters measured with PIN = 0dBm.
Two tone tests PIN =+13 dBm/tone with 50 MHz tone spacing.


Similar Part No. - GRM1555C1H101J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
GRM1555C1H101J IDT-GRM1555C1H101J Datasheet
1Mb / 19P
   High Reliability SP5T RF Switch
GRM1555C1H101J IDT-GRM1555C1H101J Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
logo
Renesas Technology Corp
GRM1555C1H101J RENESAS-GRM1555C1H101J Datasheet
6Mb / 24P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
GRM1555C1H101J RENESAS-GRM1555C1H101J Datasheet
3Mb / 24P
   High Reliability SP2T RF Switch 9 kHz to 9000 MHz
GRM1555C1H101J RENESAS-GRM1555C1H101J Datasheet
757Kb / 19P
   High Reliability SP5T RF Switch 50MHz to 8000MHz
More results

Similar Description - GRM1555C1H101J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2923 RENESAS-F2923 Datasheet
3Mb / 22P
   Constant Impedance K|Z| SP2T RF Switch 300 kHz to 8000 MHz
logo
Integrated Device Techn...
F2910 IDT-F2910 Datasheet
2Mb / 19P
   Constant Impedance SPST RF Switch
logo
Mini-Circuits
HSWA2-63DR MINI-HSWA2-63DR Datasheet
312Kb / 5P
   SP2T RF Switch
logo
Renesas Technology Corp
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
   High Reliability SP2T RF Switch
Sep 20, 2021
logo
Integrated Device Techn...
F2932 IDT-F2932 Datasheet
2Mb / 20P
   High Reliability SP2T RF Switch
F2933 IDT-F2933 Datasheet
2Mb / 19P
   High Reliability SP2T RF Switch
F2912 IDT-F2912 Datasheet
2Mb / 23P
   High Reliability SP2T RF Switch
logo
Renesas Technology Corp
F2910 RENESAS-F2910_V01 Datasheet
1Mb / 19P
   Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz
August 31, 2020
logo
DAICO Industries, Inc.
DSW22201 DAICO-DSW22201 Datasheet
163Kb / 1P
   Switch SP2T
DSW25112 DAICO-DSW25112 Datasheet
133Kb / 1P
   SP2T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com