Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM155R71C103K Datasheet(PDF) 6 Page - Integrated Device Technology

Part # GRM155R71C103K
Description  RF to IF Dual Downconverting Mixer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM155R71C103K Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button GRM155R71C103K Datasheet HTML 2Page - Integrated Device Technology GRM155R71C103K Datasheet HTML 3Page - Integrated Device Technology GRM155R71C103K Datasheet HTML 4Page - Integrated Device Technology GRM155R71C103K Datasheet HTML 5Page - Integrated Device Technology GRM155R71C103K Datasheet HTML 6Page - Integrated Device Technology GRM155R71C103K Datasheet HTML 7Page - Integrated Device Technology GRM155R71C103K Datasheet HTML 8Page - Integrated Device Technology GRM155R71C103K Datasheet HTML 9Page - Integrated Device Technology GRM155R71C103K Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
RF to IF Dual Downconverting Mixer
3400MHz –3800MHz
IDT Zero-Distortion
TM Mixer
6
Rev1, December 2014
IDTF1178NBGI
Datasheet
STANDBY LOGIC TABLE
Main Channel
Diversity Channel
STBY1 (pin 22)
STBY2 (pin 24)
ON
ON
0
0
OFF
OFF
1
0
ON
OFF
0
1
OFF
ON
1
1


Similar Part No. - GRM155R71C103K

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
GRM155R71C103K IDT-GRM155R71C103K Datasheet
1Mb / 20P
   ZIF/CIF Modulator
logo
Renesas Technology Corp
GRM155R71C103K RENESAS-GRM155R71C103K Datasheet
1Mb / 21P
   IDTF1653 RECOMMENDED OPERATION CONDITIONS
RevO, April 2015
logo
Murata Manufacturing Co...
GRM155R71C103KA01 MURATA1-GRM155R71C103KA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
logo
Integrated Device Techn...
GRM155R71C103KA01D IDT-GRM155R71C103KA01D Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
GRM155R71C103KA01D RENESAS-GRM155R71C103KA01D Datasheet
1Mb / 22P
   This document describes specifications for the F1650NLGI Zero/Complex IF Modulator implementing Zero-DistortionTM technology for low power consumption with improved ACLR. This device interfaces directly to a high performance Tx dual DAC.
Rev1, March 2014
More results

Similar Description - GRM155R71C103K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
   RF Dual Wideband Gain-Settable Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com