Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ-2RKF2202X Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ERJ-2RKF2202X
Description  High Reliability SP5T RF Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ERJ-2RKF2202X Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ERJ-2RKF2202X Datasheet HTML 4Page - Integrated Device Technology ERJ-2RKF2202X Datasheet HTML 5Page - Integrated Device Technology ERJ-2RKF2202X Datasheet HTML 6Page - Integrated Device Technology ERJ-2RKF2202X Datasheet HTML 7Page - Integrated Device Technology ERJ-2RKF2202X Datasheet HTML 8Page - Integrated Device Technology ERJ-2RKF2202X Datasheet HTML 9Page - Integrated Device Technology ERJ-2RKF2202X Datasheet HTML 10Page - Integrated Device Technology ERJ-2RKF2202X Datasheet HTML 11Page - Integrated Device Technology ERJ-2RKF2202X Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
F2915
High Reliability SP5T RF Switch
8
Rev O 12/14/2015
TYPICAL OPERATING CONDITIONS (- 3 -)
RFC Return Loss with RFX Selected vs. Voltage
RFX Terminated Return Loss vs. Temperature
Return Loss (During Switching) vs. Time
RFX Terminated Return Loss vs. RFX Port
RFX Terminated Return Loss vs. Voltage
VSWR (During Switching) vs. Time
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
2.7V
3.3V
5.0V
5.5V
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
-40C
25C
105C
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
Time ( sec)
RFX Term ---> RFX Active
RFX Active ---> RFX Term
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
RF1
RF2
RF3
RF4
RF5
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
2.7V
3.3V
5.0V
5.5V
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
Time ( sec)
RFX Term ---> RFX Active
RFX Active ---> RFX Term


Similar Part No. - ERJ-2RKF2202X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ERJ-2RKF2202X RENESAS-ERJ-2RKF2202X Datasheet
757Kb / 19P
   High Reliability SP5T RF Switch 50MHz to 8000MHz
ERJ-2RKF2202X RENESAS-ERJ-2RKF2202X Datasheet
1Mb / 22P
   High Reliability SP5T RF Switch 50MHz to 8000MHz
More results

Similar Description - ERJ-2RKF2202X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2915 RENESAS-F2915 Datasheet
757Kb / 19P
   High Reliability SP5T RF Switch 50MHz to 8000MHz
F2955 RENESAS-F2955 Datasheet
1Mb / 22P
   High Reliability SP5T RF Switch 50MHz to 8000MHz
logo
Mini-Circuits
JSW5-23DR-75 MINI-JSW5-23DR-75 Datasheet
408Kb / 7P
   SP5T RF Switch
logo
Spectrum Microwave, Inc...
TWH5017 SPECTRUM-TWH5017 Datasheet
71Kb / 1P
   SP5T RF SWITCH
logo
Mini-Circuits
JSW5-272DR MINI-JSW5-272DR Datasheet
402Kb / 7P
   SP5T RF Switch
logo
Peregrine Semiconductor
PE42452 PSEMI-PE42452_14 Datasheet
493Kb / 11P
   UltraCMOS짰 SP5T RF Switch
logo
API Technologies Corp
TWH5017 APITECH-TWH5017 Datasheet
193Kb / 1P
   SP5T RF SWITCH MODEL
logo
Peregrine Semiconductor
PE42451 PSEMI-PE42451 Datasheet
619Kb / 11P
   SP5T Absorptive UltraCMOS High-Isolation RF Switch
PE42451 PSEMI-PE42451_14 Datasheet
403Kb / 11P
   SP5T Absorptive UltraCMOS짰 High-Isolation RF Switch
PE42452 PSEMI-PE42452 Datasheet
458Kb / 11P
   SP5T RF Switch 450??000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com