Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ-2RKF9101X Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ERJ-2RKF9101X
Description  TX Differential Input RF Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ERJ-2RKF9101X Datasheet(HTML) 4 Page - Integrated Device Technology

  ERJ-2RKF9101X Datasheet HTML 1Page - Integrated Device Technology ERJ-2RKF9101X Datasheet HTML 2Page - Integrated Device Technology ERJ-2RKF9101X Datasheet HTML 3Page - Integrated Device Technology ERJ-2RKF9101X Datasheet HTML 4Page - Integrated Device Technology ERJ-2RKF9101X Datasheet HTML 5Page - Integrated Device Technology ERJ-2RKF9101X Datasheet HTML 6Page - Integrated Device Technology ERJ-2RKF9101X Datasheet HTML 7Page - Integrated Device Technology ERJ-2RKF9101X Datasheet HTML 8Page - Integrated Device Technology ERJ-2RKF9101X Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
F1423
Zero-Distortion
TM, TX Amplifier
4
Rev O 11/6/2015
F1423 SPECIFICATION - GENERAL
See F1423 Typical Application Circuit. Unless otherwise stated, specifications apply when operated as a TX RF
Amplifier, VCC = +5.0 V, TC = +25 °C.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Logic Input High
VIH
1.1
V
Logic Input Low
VIL
0.63
Logic Current
ISTBY
STBY pin
-10
+10
µA
IBAND
Band_Sel pin
-10
+10
Supply Current
3
ICC_LB
Low-band bias setting
103
mA
ICC_MB
Mid-band bias setting
120
ICC_HB
High-band bias setting
120
ICC_BB
Broad-band bias setting
120
135
1
Standby Current
ICC_STBY
STBY = 5V
0.8
1.0
mA
Power ON switching time
TON
50% STBY to RF output
settled to within ±0.5dB
1
µs
Power OFF switching time
TOFF
50% STBY to DC standby
current settled to within
±2mA of final ICC value
1
µs
Note 1: Items in min/max columns in
bold italics are Guaranteed by Test.
Note 2: Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
Note 3: Use external resistors to set amplifier bias currents to optimize device linearity. See Table 2.


Similar Part No. - ERJ-2RKF9101X

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ERJ-2RKF9101X IDT-ERJ-2RKF9101X Datasheet
1Mb / 27P
   Matched Broadband RF VGA
logo
Renesas Technology Corp
ERJ-2RKF9101X RENESAS-ERJ-2RKF9101X Datasheet
2Mb / 28P
   400 MHz ??2700 MHz 13 dB typical max gain
More results

Similar Description - ERJ-2RKF9101X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1423 RENESAS-F1423 Datasheet
4Mb / 27P
   TX Differential Input RF Amplifier 600 MHz to 3000 MHz
logo
ON Semiconductor
MC4741C ONSEMI-MC4741C Datasheet
138Kb / 6P
   DIFFERENTIAL INPUT OPERATIONAL AMPLIFIER
REV 5
logo
Frequency Devices, Inc.
D86-60-D FREQUENCYDEVICES-D86-60-D Datasheet
193Kb / 2P
   Differential Input Buffer Amplifier
logo
Fairchild Semiconductor
KH600 FAIRCHILD-KH600 Datasheet
319Kb / 12P
   1GHz, Differential Input/Output Amplifier
logo
First Components Intern...
LM324 FCI-LM324 Datasheet
53Kb / 2P
   Quad Differential Input Operational Amplifier
logo
Cadeka Microcircuits LL...
KH600 CADEKA-KH600 Datasheet
355Kb / 13P
   1GHz, Differential Input/Output Amplifier
logo
M.S. Kennedy Corporatio...
MSK801 MSK-MSK801 Datasheet
234Kb / 6P
   FET INPUT DIFFERENTIAL OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8351ARMZ-REEL7 AD-AD8351ARMZ-REEL7 Datasheet
405Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com