Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2915NBGK Datasheet(PDF) 4 Page - Integrated Device Technology

Part # F2915NBGK
Description  High Reliability SP5T RF Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2915NBGK Datasheet(HTML) 4 Page - Integrated Device Technology

  F2915NBGK Datasheet HTML 1Page - Integrated Device Technology F2915NBGK Datasheet HTML 2Page - Integrated Device Technology F2915NBGK Datasheet HTML 3Page - Integrated Device Technology F2915NBGK Datasheet HTML 4Page - Integrated Device Technology F2915NBGK Datasheet HTML 5Page - Integrated Device Technology F2915NBGK Datasheet HTML 6Page - Integrated Device Technology F2915NBGK Datasheet HTML 7Page - Integrated Device Technology F2915NBGK Datasheet HTML 8Page - Integrated Device Technology F2915NBGK Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
F2915
High Reliability SP5T RF Switch
4
Rev O 12/14/2015
F2915 SPECIFICATION
Typical Application Circuit, Normal mode (VDD= 3.3 V, VSSEXT= 0 V) or Bypass mode (VDD= 3.3 V, VSSEXT= -3.3 V),
TC = +25 °C, FRF = 2000 MHz, Input power = 0 dBm, ZS = ZL = 50 , RFX = one of the five input ports, PCB board
trace and connector losses are de-embedded unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Logic Input High Threshold
VIH
1.1
Minimum
( 3.6, VDD)
V
Logic Input Low Threshold
VIL
-0.3
0.6
V
Logic Current
IIH, IIL
For each control pin
-2
+2
µA
DC Current (VDD)
IDD
Normal Mode
3.3 V or 1.8V Logic
290
360
µA
Bypass Mode
3.3 V or 1.8V Logic
270
340
DC Current (VSSEXT)
IVSS
VSSEXT = -3.3 V
-46
-60
µA
Insertion Loss
RFX to RFC
IL
900 MHz
0.93
1.4
1
dB
2100 MHz
1.1
1.5
2700 MHz
1.2
1.6
2700 MHz – 4000 MHz
1.1
1.65
2
4000 MHz – 8000 MHz
2.3
Isolation
RFX to RFC
ISOC
400 MHz – 900 MHz
58
63
dB
900 MHz – 2100 MHz
52
57
2100 MHz – 2700 MHz
50
55
2700 MHz – 4000 MHz
45
50
4000 MHz – 8000 MHz
31
45
Isolation
RFX to RFX
ISOX
400 MHz – 900 MHz
54
64
dB
900 MHz – 2100 MHz
49
57
2100 MHz – 2700 MHz
47
55
2700 MHz – 4000 MHz
45
52
4000 MHz – 8000 MHz
29
46
Maximum RFX Port VSWR
During Switching
VSWRT
From RFX Active to RFX Term
1.7:1
-
From RFX Term to RFX Active
2:1
Minimum Return Loss
(RFC Port )
RFCRL
400 MHz – 4000 MHz
16
dB
Minimum Return Loss
(RFX Port )
RFXRL
400 MHz –4000 MHz
Active
13
dB
Terminated
15
Input 0.1dB Compression
3
ICP0.1dB
35
dBm
Input IP2
IIP2
FRF1 = 2000 MHz, FRF2 = 2010 MHz
RF Input = RFX, PIN = +20 dBm / tone
FRF1 + FRF2 Term
124
dBm
Input IP3
IIP3
∆ F = 1 MHz
RF Input = RFX
PIN = +20 dBm/tone
FRF = 2000 MHz
60
dBm
FRF = 4000 MHz
60.5
Switching Time
4
TSW
Bypass
Mode
50% CTRL to 90% RF
256
345
ns
50% CTRL to 10% RF
256
345
50% CTRL to RF settled within
+/- 0.1 dB of I.L. value.
285
Maximum Switching Rate5
SWRATE
Pin 20 = GND
25
kHz
Pin 20 = VSSEXT applied
290
Maximum spurious level on
any RF port6
SpurMAX
RF ports terminated into 50Ω
RFX connected to RFC
-120
dBm
Note 1 – Items in min/max columns in
bold italics are Guaranteed by Test.
Note 2 – Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
Note 3 – The input 0.1dB compression point is a linearity figure of merit. Refer to Absolute Maximum Ratings section
for the maximum RF input power and Figure 1 for maximum operating RF input power.
Note 4 – FRF = 1GHz.
Note 5 – Minimum time required between switching of states =1/ (Maximum Switching Rate).
Note 6 – Spurious due to on-chip negative voltage generator. Typical generator fundamental frequency is 2.2 MHz.


Similar Part No. - F2915NBGK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2915NBGK RENESAS-F2915NBGK Datasheet
757Kb / 19P
   High Reliability SP5T RF Switch 50MHz to 8000MHz
F2915NBGK8 RENESAS-F2915NBGK8 Datasheet
757Kb / 19P
   High Reliability SP5T RF Switch 50MHz to 8000MHz
More results

Similar Description - F2915NBGK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2915 RENESAS-F2915 Datasheet
757Kb / 19P
   High Reliability SP5T RF Switch 50MHz to 8000MHz
F2955 RENESAS-F2955 Datasheet
1Mb / 22P
   High Reliability SP5T RF Switch 50MHz to 8000MHz
logo
Mini-Circuits
JSW5-23DR-75 MINI-JSW5-23DR-75 Datasheet
408Kb / 7P
   SP5T RF Switch
logo
Spectrum Microwave, Inc...
TWH5017 SPECTRUM-TWH5017 Datasheet
71Kb / 1P
   SP5T RF SWITCH
logo
Mini-Circuits
JSW5-272DR MINI-JSW5-272DR Datasheet
402Kb / 7P
   SP5T RF Switch
logo
Peregrine Semiconductor
PE42452 PSEMI-PE42452_14 Datasheet
493Kb / 11P
   UltraCMOS짰 SP5T RF Switch
logo
API Technologies Corp
TWH5017 APITECH-TWH5017 Datasheet
193Kb / 1P
   SP5T RF SWITCH MODEL
logo
Peregrine Semiconductor
PE42451 PSEMI-PE42451 Datasheet
619Kb / 11P
   SP5T Absorptive UltraCMOS High-Isolation RF Switch
PE42451 PSEMI-PE42451_14 Datasheet
403Kb / 11P
   SP5T Absorptive UltraCMOS짰 High-Isolation RF Switch
PE42452 PSEMI-PE42452 Datasheet
458Kb / 11P
   SP5T RF Switch 450??000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com