Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67997-108HLF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 67997-108HLF
Description  TX Differential Input RF Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

67997-108HLF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 67997-108HLF Datasheet HTML 6Page - Integrated Device Technology 67997-108HLF Datasheet HTML 7Page - Integrated Device Technology 67997-108HLF Datasheet HTML 8Page - Integrated Device Technology 67997-108HLF Datasheet HTML 9Page - Integrated Device Technology 67997-108HLF Datasheet HTML 10Page - Integrated Device Technology 67997-108HLF Datasheet HTML 11Page - Integrated Device Technology 67997-108HLF Datasheet HTML 12Page - Integrated Device Technology 67997-108HLF Datasheet HTML 13Page - Integrated Device Technology 67997-108HLF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
F1423
Zero-Distortion
TM, TX Amplifier
10
Rev O 11/6/2015
TOCS [DIFFERENTIAL BOARD S-PARS, AMPLITUDE AND PHASE IMBALANCE, LOW-BAND BIAS](-3-)
RF Gain vs. Vcc and TCASE
Output Match vs. Vcc and TCASE
Amplitude Imbalance vs. TCASE
Input Match vs. Vcc and TCASE
Reverse Gain vs. Vcc and TCASE
Phase Imbalance vs. TCASE
10
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
Frequency (GHz)
4.75V, -40C
5.00V, -40C
5.25V, -40C
4.75V, 25C
5.00V, 25C
5.25V, 25C
4.75V, 105C
5.00V, 105C
5.25V, 105C
-30
-25
-20
-15
-10
-5
0
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
Frequency (GHz)
4.75V, -40C
5.00V, -40C
5.25V, -40C
4.75V, 25C
5.00V, 25C
5.25V, 25C
4.75V, 105C
5.00V, 105C
5.25V, 105C
-1.5
-1
-0.5
0
0.5
1
1.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
Frequency (GHz)
-40C
25C
105C
ZS = 25 Ohm / port
ZL = 50 Ohm
-40
-35
-30
-25
-20
-15
-10
-5
0
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
Frequency (GHz)
4.75V, -40C
5.00V, -40C
5.25V, -40C
4.75V, 25C
5.00V, 25C
5.25V, 25C
4.75V, 105C
5.00V, 105C
5.25V, 105C
-28
-26
-24
-22
-20
-18
-16
-14
-12
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
Frequency (GHz)
4.75V, -40C
5.00V, -40C
5.25V, -40C
4.75V, 25C
5.00V, 25C
5.25V, 25C
4.75V, 105C
5.00V, 105C
5.25V, 105C
-20
-15
-10
-5
0
5
10
15
20
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
Frequency (GHz)
-40C
25C
105C
ZS = 25 Ohm / port
ZL = 50 Ohm


Similar Part No. - 67997-108HLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
67997-108HLF RENESAS-67997-108HLF Datasheet
1Mb / 19P
   75廓 SPST RF Switch 1MHz to 3500MHz
67997-108HLF RENESAS-67997-108HLF Datasheet
4Mb / 21P
   High Reliability SP2T RF Switch 50 MHz to 8000 MHz
67997-108HLF RENESAS-67997-108HLF Datasheet
4Mb / 20P
   High Reliability SP2T RF Switch 50 MHz to 8000 MHz
logo
Integrated Device Techn...
67997-108HLF IDT-67997-108HLF Datasheet
2Mb / 40P
   Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
67997-108HLF IDT-67997-108HLF Datasheet
3Mb / 43P
   Dual Path Highband RF Receiver 1400MHz to 2700MHz
More results

Similar Description - 67997-108HLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1423 RENESAS-F1423 Datasheet
4Mb / 27P
   TX Differential Input RF Amplifier 600 MHz to 3000 MHz
logo
ON Semiconductor
MC4741C ONSEMI-MC4741C Datasheet
138Kb / 6P
   DIFFERENTIAL INPUT OPERATIONAL AMPLIFIER
REV 5
logo
Frequency Devices, Inc.
D86-60-D FREQUENCYDEVICES-D86-60-D Datasheet
193Kb / 2P
   Differential Input Buffer Amplifier
logo
Fairchild Semiconductor
KH600 FAIRCHILD-KH600 Datasheet
319Kb / 12P
   1GHz, Differential Input/Output Amplifier
logo
First Components Intern...
LM324 FCI-LM324 Datasheet
53Kb / 2P
   Quad Differential Input Operational Amplifier
logo
Cadeka Microcircuits LL...
KH600 CADEKA-KH600 Datasheet
355Kb / 13P
   1GHz, Differential Input/Output Amplifier
logo
M.S. Kennedy Corporatio...
MSK801 MSK-MSK801 Datasheet
234Kb / 6P
   FET INPUT DIFFERENTIAL OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8351ARMZ-REEL7 AD-AD8351ARMZ-REEL7 Datasheet
405Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com